Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7787 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7787 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7787
Download  ST7787 Download
File Size   2624.81 Kbytes
Page   217 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 262K Color Single-Chip TFT Controller/Driver

ST7787 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7787 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7787
Download  ST7787 Click to download

File Size   2624.81 Kbytes
Page   217 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 262K Color Single-Chip TFT Controller/Driver

ST7787 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7787 Product details

1. Introduction

The ST7787 is a single-chip controller/driver for 262K-color, graphic type TFT-LCD. It consists of 720 source line and 320 gate line driving circuits. This chip is capable of connecting directly to an external microprocessor, and accepts Serial Peripheral Interface (SPI), 8-bits/9-bits/16-bits/18-bits parallel interface. Display data can be stored in the on-chip display data RAM of 240x320x18 bits. It can perform display data RAM read/write operation with no external operation clock to minimize power consumption. In addition, because of the integrated power supply circuits necessary to drive liquid crystal, it is possible to make a display system with the fewest components.



2. Features

• Single chip TFT-LCD controller/driver with display data RAM

• Display resolution: 240(H) x RGB x 320(V)

• Display data RAM (frame memory): 240 x 320 x 18-bits = 1,382,400 bits

• Operation Frequency: DC~30MHz (30MHz for 6 bits, 10MHz for 18 bits)

• Output:

   - 240ch source outputs (240RGB)

   - 320ch gate outputs

   - Common electrode output

• Display mode (color mode)

   - Full color mode (idle mode off): 262K-colors

   - Reduce color mode (idle mode on): 8-colors (1-bit for individual R, G, B color depth)

• Display resolution option

   - 240 x 320 Display with 240 x 18-bits x 320 display RAM

• Supported LC type option

   - MVA LC type (When LCM[1]=0,LCM[0]=0 )

   - Transflective LC type (When LCM[1]=0,LCM[0]=1 )

   - Transmissive LC type (When LCM[1]=1,LCM[0]=0 )

• Supported data format on display host interface

   - 12-bits/pixel: RGB= (444) using the 1382k bits frame memory and LUT

   - 16-bits/pixel: RGB= (565) using the 1382k bits frame memory and LUT

   - 18-bits/pixel: RGB= (666) using the 1382k bits frame memory

• Supported MCU Interface

   - 3-line serial interface

   - 8-bits, 9-bits, 16-bits, 18-bits interface with 8080-series MCU

   - 8-bits, 9-bits, 16-bits, 18-bits interface with 6800-series MCU

   - 6-bits, 16-bits, 18-bits RGB interface with graphic controller

• Display features

   - Area scrolling

   - Partial display mode

   - Software programmable color depth mode

• Build-in circuit

   - DC/DC converter

   - Adjustable VCOM generation

   - Non-volatile (NV) memory to store initial register setting

   - Oscillator for display clock generation

   - Timing controller

   - 4 preset gamma curve for γ=1.0/1.8/2.2/2.5 (supporting Transflective) and 1 preset gamma curve for γ=2.2

(supporting MVA, Ttransmissive type LC)

   - Factory default value (contrast, module ID, module version, etc) are stored in NV memory

   - Line inversion, frame inversion

• NV Memory

   - 8-bits for ID1

   - 7-bits for ID2

   - 8-bits for ID3

   - 8-bits for VCOM adjustment

• Supply voltage range

   - Analog supply voltage range (VDD to AGND): 2.45V – 3.3V

   - I/O supply voltage range (VDDI to DGND): 1.65V – 3.3V

• Output voltage level

   - Source output voltage range (GVDD to AGND): 3.0V to 5.0V

   - Power supply range for driver circuit (AVDD to AGND): 5.2V (VDD=2.6V) to 6.0V (VDD=3.0V)

   - Output range of HIGH level of VCOM (VCOMH to AGND): 2.5V to 5.0V

   - Output range of LOW level of VCOM (VCOML to AGND): -2.5V to 0.0V

   - Output range of HIGH level of gate driver (VGH to AGND): +12V to +16.5V

   - Output range of LOW level of gate driver (VGL to AGND): -14V to –5V

• Lower power consumption, suitable for battery operated systems

   - CMOS compatible inputs

   - Optimized layout for COG assembly

   - Operate temperature range: -30 to + ℃ 70℃



 




Similar Part No. - ST7787

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST778 STMICROELECTRONICS-ST778 Datasheet
344Kb / 11P
LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Sitronix Technology Co....
ST7781 SITRONIX-ST7781 Datasheet
1Mb / 88P
262K Color Single - Chip TFT Controller/Driver
ST7789 SITRONIX-ST7789 Datasheet
3Mb / 316P
240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.4 2014/04
ST7789H2 SITRONIX-ST7789H2 Datasheet
3Mb / 314P
single-chip controller/driver for 262K-color, graphic type TFT-LCD
ST7789V SITRONIX-ST7789V Datasheet
8Mb / 308P
The ST7789V is a single-chip controller/driver for 262K-color
More results


Similar Description - ST7787

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7712 SITRONIX-ST7712 Datasheet
1Mb / 113P
262K Color Single-Chip TFT Controller/Driver
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
262K Color Single-Chip TFT Controller/Driver
ST7715 SITRONIX-ST7715 Datasheet
1Mb / 167P
262K Color Single-Chip TFT Controller/Driver
ST7732 SITRONIX-ST7732 Datasheet
2Mb / 168P
262K Color Single-Chip TFT Controller/Driver
ST7735 SITRONIX-ST7735 Datasheet
1Mb / 166P
262K Color Single-Chip TFT Controller/Driver
ST7773 SITRONIX-ST7773 Datasheet
2Mb / 128P
262K Color Single-Chip TFT Controller/Driver
ST7781 SITRONIX-ST7781 Datasheet
1Mb / 88P
262K Color Single - Chip TFT Controller/Driver
ST7789H2 SITRONIX-ST7789H2 Datasheet
3Mb / 314P
single-chip controller/driver for 262K-color, graphic type TFT-LCD
ST7735R SITRONIX-ST7735R Datasheet
2Mb / 164P
262K Color Single-Chip TFT Controller/Driver
ST7735S SITRONIX-ST7735S Datasheet
2Mb / 201P
132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.1 2011/11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com