Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7732 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7732 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7732
Download  ST7732 Download
File Size   2424.35 Kbytes
Page   168 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 262K Color Single-Chip TFT Controller/Driver

ST7732 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7732 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7732
Download  ST7732 Click to download

File Size   2424.35 Kbytes
Page   168 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 262K Color Single-Chip TFT Controller/Driver

ST7732 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7732 Product details

Introduction
The ST7732 is a single-chip controller/driver for 262K-color, graphic type TFT-LCD. It consists of 396 source line and 162 gate line driving circuits. This chip is capable of connecting directly to an external microprocessor, and accepts Serial Peripheral Interface (SPI), 8-bits/9-bits/16-bits/18-bits parallel interface. Display data can be stored in the on-chip display data RAM of 132 x 162 x 18 bits. It can perform display data RAM read/write operation with no external operation clock to minimize power consumption. In addition, because of the integrated power supply circuits necessary to drive liquid crystal, it is possible to make a display system with fewer components.

Features
◆ Single chip TFT-LCD controller/driver with display data RAM
◆ Display resolution: 132 (H) x RGB x 162 (V)
◆ Display data RAM (frame memory): 132 x 162 x 18-bits = 384,912 bits
◆ Output:
    - 396 ch source outputs (132RGB)
    - 162 ch gate outputs
    - Common electrode output
◆ Display mode (color mode)
    - Full color mode (idle mode off): 262K-colors
    - Reduce color mode (idle mode on): 8-colors (1-bit for individual R, G, B color depth)
◆ Display resolution option
    - 128 x 160 display with 128 x 18-bits x 160 display RAM
    - 120 x 160 display with 120 x 18-bits x 160 display RAM
    - 132 x 162 display with 132 x 18-bits x 162 display RAM
◆ Supported LC type option
    - Transflective (TR) LC type (When LCM1,LCM0 = “00”)
    - Transmissive (TM) LC type (When LCM1,LCM0 = “01”)
    - Low voltage (LV) LC type (When LCM1,LCM0 = “10”)
    - MVA LC type (When LCM1, LCM0 = “11”)
◆ Supported data format on display host interface
    - 12-bits/pixel: RGB= (444) using the 384k-bits frame memory and LUT
    - 16-bits/pixel: RGB= (565) using the 384k-bits frame memory and LUT
    - 18-bits/pixel: RGB= (666) using the 384k-bits frame memory
◆ Supported MCU Interface
    - 3-line serial interface
    - 4-line serial interface
    - 8-bits, 9-bits, 16-bits, 18-bits interface with 8080-series MCU
    - 8-bits, 9-bits, 16-bits, 18-bits interface with 6800-series MCU
    - 6-bits, 16-bits, 18-bits RGB interface with graphic controller
◆ Display features
    - Area scrolling
    - Partial display mode
    - Software programmable color depth mode
◆ Build-in circuit
    - DC/DC converter
    - Adjustable VCOM generation
    - Non-volatile (NV) memory to store initial register setting
    - Oscillator for display clock generation
    - Timing controller
    - supporting transflective, transmissive, low voltage, MVA type LC
    - Factory default value (module ID, module version, etc) are stored in NV memory
    - Line inversion, frame inversion
◆ NV Memory
    - 7-bits for ID2
    - 8-bits for ID3
    - 7-bits for VCOM adjustment
◆ Supply voltage range
    - Analog supply voltage range for VDD to AGND: 2.5V to 3.3V
    - I/O supply voltage range for VDDI to DGND: 1.6V to 3.3V
◆ Output voltage level
    - Source output voltage range (GVDD to AGND): 3.0V to 5.0V
    - Power supply range for driver circuit (AVDD to AGND): 4.55V to 6.0V
    - Output range of HIGH level of VCOM (VCOMH to AGND): 2.5V to 5.0V
    - Output range of LOW level of VCOM (VCOML to AGND): -2.5V to 0.0V
    - Output range of HIGH level of gate driver (VGH to AGND): +9.4V to 16.2V
    - Output range of LOW level of gate driver (VGL to AGND): -13.5V to –7.0V
◆ Lower power consumption, suitable for battery operated systems
    - CMOS compatible inputs
    - Optimized layout for COG assembly
    - Operate temperature range: -30 to + ℃ 70℃




Similar Part No. - ST7732

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7735 SITRONIX-ST7735 Datasheet
1Mb / 166P
262K Color Single-Chip TFT Controller/Driver
ST7735R SITRONIX-ST7735R Datasheet
2Mb / 164P
262K Color Single-Chip TFT Controller/Driver
ST7735S SITRONIX-ST7735S Datasheet
2Mb / 201P
132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.1 2011/11
ST7735SV SITRONIX-ST7735SV Datasheet
7Mb / 201P
132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.3 2020/01
More results


Similar Description - ST7732

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7712 SITRONIX-ST7712 Datasheet
1Mb / 113P
262K Color Single-Chip TFT Controller/Driver
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
262K Color Single-Chip TFT Controller/Driver
ST7715 SITRONIX-ST7715 Datasheet
1Mb / 167P
262K Color Single-Chip TFT Controller/Driver
ST7735 SITRONIX-ST7735 Datasheet
1Mb / 166P
262K Color Single-Chip TFT Controller/Driver
ST7773 SITRONIX-ST7773 Datasheet
2Mb / 128P
262K Color Single-Chip TFT Controller/Driver
ST7781 SITRONIX-ST7781 Datasheet
1Mb / 88P
262K Color Single - Chip TFT Controller/Driver
ST7787 SITRONIX-ST7787 Datasheet
2Mb / 217P
262K Color Single-Chip TFT Controller/Driver
ST7789H2 SITRONIX-ST7789H2 Datasheet
3Mb / 314P
single-chip controller/driver for 262K-color, graphic type TFT-LCD
ST7735R SITRONIX-ST7735R Datasheet
2Mb / 164P
262K Color Single-Chip TFT Controller/Driver
ST7735S SITRONIX-ST7735S Datasheet
2Mb / 201P
132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.1 2011/11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com