Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7732 Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST7732
Description  262K Color Single-Chip TFT Controller/Driver
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7732 Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST7732 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 168 page
background image
ST7732
Ver 1.5.2
2007-12
2
Supply voltage range
- Analog supply voltage range for VDD to AGND: 2.5V to 3.3V
- I/O supply voltage range for VDDI to DGND: 1.6V to 3.3V
Output voltage level
- Source output voltage range (GVDD to AGND): 3.0V to 5.0V
- Power supply range for driver circuit (AVDD to AGND): 4.55V to 6.0V
- Output range of HIGH level of VCOM (VCOMH to AGND): 2.5V to 5.0V
- Output range of LOW level of VCOM (VCOML to AGND): -2.5V to 0.0V
- Output range of HIGH level of gate driver (VGH to AGND): +9.4V to 16.2V
- Output range of LOW level of gate driver (VGL to AGND): -13.5V to –7.0V
Lower power consumption, suitable for battery operated systems
- CMOS compatible inputs
- Optimized layout for COG assembly
- Operate temperature range: -30
to +
℃
70℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com