Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7732 Datasheet(PDF) 17 Page - Sitronix Technology Co., Ltd.

Part # ST7732
Description  262K Color Single-Chip TFT Controller/Driver
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7732 Datasheet(HTML) 17 Page - Sitronix Technology Co., Ltd.

Back Button ST7732 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 168 page
background image
ST7732
Ver 1.5.2
2007-12
17
RL
I
-Scanning direction of source output selection pin in RGB interface.
RL
SMX
Scanning direction of source output
GM=”00”
GM=”01”
GM=”11”
0
0
S7 -> S390
S7 -> S366
S1 -> S396
0
1
S390 -> S7
S366 -> S7
S396 -> S1
1
0
S390 -> S7
S366 -> S7
S396 -> S1
1
1
S7 -> S390
S7 -> S366
S1 -> S396
1
VDDI/DGND
TB
I
-Scanning direction of gate output selection pin in RGB interface.
TB
SMY
Scanning direction of gate output
GM=”00”
GM=”01”
GM=”11”
0
0
G2 -> G161
G2 -> G161
G1 -> G162
0
1
G161 -> G2
G161 -> G2
G162 -> G1
1
0
G161 -> G2
G161 -> G2
G162 -> G1
1
1
G2 -> G161
G2 -> G161
G1 -> G162
1
VDDI/DGND
TESEL
I/O
-Input mode: Please fix this pin at VDDI or DGND level.
-Output mode: If this pin neither fix on panel internally nor FPC, it must be
changed to output mode. (refer to the application note)
1
VDDI/DGND
6.4 Driver output pin
Name
I/O
Description
Count
Connect pin
S1 to
S396
O
- Source driver output pins.
396
-
G1 to
G162
O
- Gate driver output pins.
162
-
VCI1
I/O
- A reference voltage for step-up circuit 1.
- Connect a capacitor for stabilization.
3
Capacitor
AVDD
I
- Power input pin for analog circuits.
- In normal usage, connect it to AVDDO.
3
AVDDO
AVDDO
O
- Output of step-up circuit 1
- Connect a capacitor for stabilization.
2
Capacitor
VCL
I
- Power input pin for VCOM circuit.
- In normal usage, connect it to VCLO.
2
VCLO
VCLO
O
- A power output pin of step-up circuit 4.
- When VCOML is higher than AGND, VCLO=AGND.
- Connect a capacitor for stabilization.
1
Capacitor
VGH
I
- Power input pin for gate driver circuit.
- In normal usage, connect it to VGHO.
2
VGHO
VGHO
O
- Positive output pin of the step-up circuit 2.
- Connect a capacitor for stabilization.
1
Capacitor
VGL
I
- Power input pin for gate driver circuit.
- Negative output of the step-up circuit 2 is connected inside the driver.
- Connect a capacitor for stabilization.
3
VGLO
VREF
O
- A reference voltage for power system.
- Connect a capacitor for stabilization.
3
Capacitor
GVDD
O
- A power output of grayscale voltage generator.
- Connect a capacitor for stabilization.
- When internal GVDD generator is not used, connect an external
power supply (AVDD-0.5V) to this pin.
3
Capacitor
VCOMH
O
- Positive voltage output of VCOM.
- Connect a capacitor for stabilization.
3
Capacitor
VCOML
O
- Negative voltage output of VCOM.
- Connect a capacitor for stabilization.
3
Capacitor
VCOM
O
- A power supply for the TFT-LCD common electrode.
3
Common
electrode
C11P,
C11N
C12P,
C12N
O
- Capacitor connecting pins for step-up circuit 1 (for AVDDO)
12
Step-up
Capacitor
C21P,
C21N
C22P,
C22N
C23P,
C23N
O
- Capacitor connecting pins for step-up circuit 2 and 4 (for VGHO,
VGLO, VCLO)
12
Step-up
Capacitor
VDDIO
O
-VDDI voltage output level for monitoring.
8
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com