Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7732 Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST7732
Description  262K Color Single-Chip TFT Controller/Driver
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7732 Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST7732 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7732 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 168 page
background image
ST7732
Ver 1.5.2
2007-12
21
8. Timing chart
8.1 Parallel interface characteristics: 18, 16, 9 or 8-bits bus (8080-series MCU interface)
Fig. 8.1.1 Parallel interface timing characteristics (8080-series MCU interface)
Signal
Symbol
Parameter
Min
Max
Unit
Description
TAST
Address setup time
5
ns
D/CX
TAHT
Address hold time (Write/Read)
10
ns
-
TCHW
Chip select “H” pulse width
0
ns
TCS
Chip select setup time (Write)
20
ns
TRCS
Chip select setup time (Read ID)
20
ns
TRCSFM
Chip select setup time (Read FM)
20
ns
TCSF
Chip select wait time (Write/Read)
10
ns
CSX
TCSH
Chip select hold time
20
ns
-(3-transfer for one pixel)
TWC
Write cycle
66
ns
TWRH
Control pulse “H” duration
25
ns
WRX
TWRL
Control pulse “L” duration
15
ns
TRC
Read cycle (ID)
160
ns
TRDH
Control pulse “H” duration (ID)
90
ns
RDX (ID)
TRDL
Control pulse “L” duration (ID)
45
ns
When read ID data
TRCFM
Read cycle (FM)
160
ns
TRDHFM
Control pulse “H” duration (FM)
90
ns
RDX (FM)
TRDLFM
Control pulse “L” duration (FM)
45
ns
When read from frame
memory
TDST
Data setup time
15
ns
TDHT
Data hold time
15
ns
D[17:0]
TODH
Output disable time
20
80
ns
For maximum CL=30pF
For minimum CL=8pF
Note: VDDI=1.6 to 3.3V, VDD=2.5 to 3.3V, AGND=DGND=0V, Ta=-30 to 70 ℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com