Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7735S Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7735S Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7735S
Download  ST7735S Download
File Size   2577.05 Kbytes
Page   201 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver

ST7735S Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7735S Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7735S
Download  ST7735S Click to download

File Size   2577.05 Kbytes
Page   201 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver

ST7735S Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7735S Product details

FEATURES
Single Chip TFT-LCD Controller/Driver with RAM
On-chip Display Data RAM (i.e. Frame Memory)
132 (H) x RGB x 162 (V) Bits
LCD Driver Output Circuits:
Source Outputs: 132 RGB Channels
Gate Outputs: 162 Channels
Common Electrode Output
Display Colors (Color Mode)
Full Color: 262K, RGB=(666) Max., Idle Mode OFF
Color Reduce: 8-color, RGB=(111), Idle Mode ON
Programmable Pixel Color Format (Color Depth) for Various Display Data input Format
12-bit/pixel: RGB=(444) Using the 384k-bit Frame Memory and LUT
16-bit/pixel: RGB=(565) Using the 384k-bit Frame Memory and LUT
18-bit/pixel: RGB=(666) Using the 384k-bit Frame Memory and LUT
Various Interfaces
Parallel 8080-series MCU Interface
(8-bit, 9-bit, 16-bit & 18-bit)
Parallel 6800-series MCU Interface
(8-bit, 9-bit, 16-bit & 18-bit)
3-line Serial Interface
4-line Serial Interface
Display Features
Support Both Normal-black & Normal-white LC
Software Programmable Color Depth Mode
Partial Window Moving & Data Scrolling
Built-in Circuits
DC/DC Converter
Adjustable VCOM Generation
Non-volatile (NV) Memory to Store Initial Register Setting
Oscillator for Display Clock Generation
Factory default value (module ID, module version, etc) are stored in NV memory.
Timing Controller
Built-in NV Memory for LCD Initial Register Setting
7-bits for ID2
8-bits for ID3
7-bits for VCOM Offset Adjustment
Wide Supply Voltage Range
I/O Voltage (VDDI to DGND): 1.65V~3.7V (VDDI ≤ VDD)
Analog Voltage (VDD to AGND): 2.5V~4.8V
On-Chip Power System
Source Voltage (GVDD to AGND): 3.15V to 5V
VCOM level (VCOM to AGND): -0.425V to -2.0V
Gate Driver HIGH Level (VGH to AGND): +10.0V to +15V
Gate Driver LOW Level (VGL to AGND): -13V to -7.5V
Operating Temperature: -30°C to +85°C




Similar Part No. - ST7735S

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7735SV SITRONIX-ST7735SV Datasheet
7Mb / 201P
132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.3 2020/01
More results


Similar Description - ST7735S

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7712 SITRONIX-ST7712 Datasheet
1Mb / 113P
262K Color Single-Chip TFT Controller/Driver
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
262K Color Single-Chip TFT Controller/Driver
ST7715 SITRONIX-ST7715 Datasheet
1Mb / 167P
262K Color Single-Chip TFT Controller/Driver
ST7732 SITRONIX-ST7732 Datasheet
2Mb / 168P
262K Color Single-Chip TFT Controller/Driver
ST7735 SITRONIX-ST7735 Datasheet
1Mb / 166P
262K Color Single-Chip TFT Controller/Driver
ST7773 SITRONIX-ST7773 Datasheet
2Mb / 128P
262K Color Single-Chip TFT Controller/Driver
ST7781 SITRONIX-ST7781 Datasheet
1Mb / 88P
262K Color Single - Chip TFT Controller/Driver
ST7787 SITRONIX-ST7787 Datasheet
2Mb / 217P
262K Color Single-Chip TFT Controller/Driver
ST7735R SITRONIX-ST7735R Datasheet
2Mb / 164P
262K Color Single-Chip TFT Controller/Driver
ST7796S SITRONIX-ST7796S Datasheet
3Mb / 279P
320RGB x 480 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version V1.0 2014/11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com