Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7796S Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7796S Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7796S
Download  ST7796S Download
File Size   3369.39 Kbytes
Page   279 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 320RGB x 480 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver

ST7796S Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7796S Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7796S
Download  ST7796S Click to download

File Size   3369.39 Kbytes
Page   279 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 320RGB x 480 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver

ST7796S Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7796S Product details

FEATURES
 Single chip TFT-LCD Controller/Driver with On-chip Frame Memory
 Display Resolution: 320*RGB (H) *480(V)
 Frame Memory Size: 320 x 480 x 18-bit = 2,764,800 bits
 LCD Driver Output Circuits
- Source Outputs: 320 RGB Channels
- Gate Outputs: 480 Channels
- Common Electrode Output
 Display Colors (Color Mode)
- Full Color: 16M, RGB=(888) max., Idle Mode Off
- Color Reduce: 8-color, RGB=(111), Idle Mode On
 Programmable Pixel Color Format (Color Depth) for Various Display Data Input Format
- 16-bit/pixel: RGB=(565) 65K color
- 18-bit/pixel: RGB=(666) 262K color
- 24-bit/pixel: RGB=(888) 16M color
 Interface
- Parallel 8080-series MCU Interface (8-bit, 9-bit, 16-bit, and 18-bit)
- 16/18 RGB Interface (VSYNCX, HSYNCX, DOTCLK, ENABLE, DB[17:0])
- Serial Peripheral Interface (SPI Interface)
- MIPI
 Display Features
- Partial Display Function
- 8-color Display Function
- Vertical Scroll Function
 Support LC Type Option
- MVA LC Type
- Transflective LC Type
- Transmissive LC Type
 On Chip Build-In Circuits
- DC/DC Converter
- Non-Volatile (NV) Memory to Store Initial Register Setting and Factory Default Value (Module ID,
Module Version, etc)
- Internal Oscillator for Display Clock Generation
- Timing Controller
 Build-In NV Memory for LCD Initial Register Setting
- 8-bit for ID1
- 8-bit for ID2
- 8-bit for ID3
- 6-bit for flicker adjustment
Driving Algorithm
- Dot Inversion
- Column Inversion
Wide Supply Voltage Range
- I/O Voltage (VDDI to DGND): 1.65V ~ 3.3V (VDDI≦VDD)
- Voltage for Digital Circuit (VDD to DGND): 2.5V ~ 3.3V
- Voltage for Analog Circuit (VDDA to AGND): 2.5V ~ 3.3V
On-Chip Power System
- VCOM Level: AGND
Optimized layout for COG Assembly
Operate temperature range: −30ºC to +85 ºC
Lower Power Consumption




Similar Part No. - ST7796S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST779 STMICROELECTRONICS-ST779 Datasheet
344Kb / 11P
LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER
ST779ACD STMICROELECTRONICS-ST779ACD Datasheet
344Kb / 11P
LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER
ST779ACN STMICROELECTRONICS-ST779ACN Datasheet
344Kb / 11P
LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER
More results


Similar Description - ST7796S

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7712 SITRONIX-ST7712 Datasheet
1Mb / 113P
262K Color Single-Chip TFT Controller/Driver
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
262K Color Single-Chip TFT Controller/Driver
ST7715 SITRONIX-ST7715 Datasheet
1Mb / 167P
262K Color Single-Chip TFT Controller/Driver
ST7732 SITRONIX-ST7732 Datasheet
2Mb / 168P
262K Color Single-Chip TFT Controller/Driver
ST7735 SITRONIX-ST7735 Datasheet
1Mb / 166P
262K Color Single-Chip TFT Controller/Driver
ST7773 SITRONIX-ST7773 Datasheet
2Mb / 128P
262K Color Single-Chip TFT Controller/Driver
ST7781 SITRONIX-ST7781 Datasheet
1Mb / 88P
262K Color Single - Chip TFT Controller/Driver
ST7787 SITRONIX-ST7787 Datasheet
2Mb / 217P
262K Color Single-Chip TFT Controller/Driver
ST7735R SITRONIX-ST7735R Datasheet
2Mb / 164P
262K Color Single-Chip TFT Controller/Driver
ST7735S SITRONIX-ST7735S Datasheet
2Mb / 201P
132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.1 2011/11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com