Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST779ACN Datasheet (PDF) - STMicroelectronics

ST779ACN Datasheet PDF - STMicroelectronics
Part # ST779ACN
Download  ST779ACN Download
File Size   344.48 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER

ST779ACN Datasheet (PDF)

Go To PDF Page Download Datasheet
ST779ACN Datasheet PDF - STMicroelectronics

Part # ST779ACN
Download  ST779ACN Click to download

File Size   344.48 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER

ST779ACN Datasheet (HTML) - STMicroelectronics


ST779ACN Product details

DESCRIPTION

The ST777/778/779 are dc-dc converters that step-up from low voltage inputs requiring only three external components, an inductor (typically 22µH) and two capacitors. The device include a Sinchronous Rectifier that eliminates the need for an external catch diode, and allows regulation even when the input is greater than the output.

Unlike others step-up DC-DC converters the ST777/778/779’s Sinchronous Rectifier turns off in the shutdown mode, fully disconnecting the output from the source. This eliminates the current drain associated with conventional step-up converters when off or in shutdown. Supply current is 270µA under no load and only 20µA in stand by mode.



■ 1V TO 6V INPUT GUARANTEES START-UP UNDER LOAD

■ MAXIMUM OUTPUT CURRENT OF 300mA

   (778 OR 779 ADJUSTED TO 3V)

■ LOAD FULLY DISCONNECTED IN SHUTDOWN

■ TYPICAL EFFICIENCY OF 82%

■ INTERNAL 1A POWER SWITCH AND SYNCHRONOUS RECTIFIER

■ ADJUSTABLE CURRENT LIMIT ALLOWS LOW-COST INDUCTORS

■ SUPPLY CURRENT OF 270µA (NO LOAD)

■ SHUTDOWN SUPPLY CURRENT 20µA

■ PACKAGE AVAILABLE: DIP-8 AND SO-8



 




Similar Part No. - ST779ACN

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7796S SITRONIX-ST7796S Datasheet
3Mb / 279P
320RGB x 480 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version V1.0 2014/11
More results


Similar Description - ST779ACN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX777L MAXIM-MAX777L Datasheet
117Kb / 12P
Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Rev 2; 7/96
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX866 MAXIM-MAX866 Datasheet
139Kb / 12P
3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
Rev 1; 5/96
logo
Fairchild Semiconductor
ILC6383 FAIRCHILD-ILC6383 Datasheet
480Kb / 15P
1-Cell to 3-Cell Boost DC-DC Converter with True Load Disconnect, 3.3V, 5V or Adjustable Output
logo
Maxim Integrated Produc...
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
C&D Technologies
S111-0320XYZ-BB CANDD-S111-0320XYZ-BB Datasheet
370Kb / 9P
DC/DC Converter 3.3V input, 0.8 to 2.5V output, 10A; 5V input, 1.0 to 3.3V output, 10A
logo
Shenzhen Huazhimei Semi...
HM9228 HMSEMI-HM9228 Datasheet
951Kb / 10P
3.3V~5V Input 24W Output Step-up DC/DC Converter
HM9226 HMSEMI-HM9226 Datasheet
579Kb / 10P
3.3V~5V Input 12W Output Step-up DC/DC Converter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com