Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST779ACN Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST779ACN
Description  LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST779ACN Datasheet(HTML) 1 Page - STMicroelectronics

  ST779ACN Datasheet HTML 1Page - STMicroelectronics ST779ACN Datasheet HTML 2Page - STMicroelectronics ST779ACN Datasheet HTML 3Page - STMicroelectronics ST779ACN Datasheet HTML 4Page - STMicroelectronics ST779ACN Datasheet HTML 5Page - STMicroelectronics ST779ACN Datasheet HTML 6Page - STMicroelectronics ST779ACN Datasheet HTML 7Page - STMicroelectronics ST779ACN Datasheet HTML 8Page - STMicroelectronics ST779ACN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
October 2002
s
1V TO 6V INPUT GUARANTEES START-UP
UNDER LOAD
s
MAXIMUM OUTPUT CURRENT OF 300mA
(778 OR 779 ADJUSTED TO 3V)
s
LOAD FULLY DISCONNECTED IN
SHUTDOWN
s
TYPICAL EFFICIENCY OF 82%
s
INTERNAL 1A POWER SWITCH AND
SYNCHRONOUS RECTIFIER
s
ADJUSTABLE CURRENT LIMIT ALLOWS
LOW-COST INDUCTORS
s
SUPPLY CURRENT OF 270µA (NO LOAD)
s
SHUTDOWN SUPPLY CURRENT 20µA
s
PACKAGE AVAILABLE: DIP-8 AND SO-8
DESCRIPTION
The ST777/778/779 are dc-dc converters that
step-up from low voltage inputs requiring only
three external components, an inductor (typically
22µH) and two capacitors. The device include a
Sinchronous Rectifier that eliminates the need for
an external catch diode, and allows regulation
even when the input is greater than the output.
Unlike others step-up DC-DC converters the
ST777/778/779’s Sinchronous Rectifier turns off in
the shutdown mode, fully disconnecting the output
from the source. This eliminates the current drain
associated with conventional step-up converters
when off or in shutdown. Supply current is 270µA
under no load and only 20µA in stand by mode.
ST777/778/779
LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT
DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER
VIN
VO
22µH
100µF
100µF
RLIM
ILIM
LX
IN
OUT
PGND
SEL
AGND
1
2
3
4
5
6
7
8
SHDN
1.25V
VREF
SHUTDOWN
CONTROL
DELAY
TIMER
DELAY
TIMER
tOFF
tON
SWITCH
DRIVER
ACTIVE RECTIFIER
RECTIFIER
CONTROL
1: N
SCHEMATIC DIAGRAM
SO-8
DIP-8


Similar Part No. - ST779ACN

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7796S SITRONIX-ST7796S Datasheet
3Mb / 279P
320RGB x 480 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version V1.0 2014/11
More results

Similar Description - ST779ACN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX777L MAXIM-MAX777L Datasheet
117Kb / 12P
Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Rev 2; 7/96
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX866 MAXIM-MAX866 Datasheet
139Kb / 12P
3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
Rev 1; 5/96
logo
Fairchild Semiconductor
ILC6383 FAIRCHILD-ILC6383 Datasheet
480Kb / 15P
1-Cell to 3-Cell Boost DC-DC Converter with True Load Disconnect, 3.3V, 5V or Adjustable Output
logo
Maxim Integrated Produc...
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
C&D Technologies
S111-0320XYZ-BB CANDD-S111-0320XYZ-BB Datasheet
370Kb / 9P
DC/DC Converter 3.3V input, 0.8 to 2.5V output, 10A; 5V input, 1.0 to 3.3V output, 10A
logo
Shenzhen Huazhimei Semi...
HM9228 HMSEMI-HM9228 Datasheet
951Kb / 10P
3.3V~5V Input 24W Output Step-up DC/DC Converter
HM9226 HMSEMI-HM9226 Datasheet
579Kb / 10P
3.3V~5V Input 12W Output Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com