Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX777L Datasheet (PDF) - Maxim Integrated Products

MAX777L Datasheet PDF - Maxim Integrated Products
Part # MAX777L
Download  MAX777L Download
File Size   117.9 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters

MAX777L Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX777L Datasheet PDF - Maxim Integrated Products

Part # MAX777L
Download  MAX777L Click to download

File Size   117.9 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters

MAX777L Datasheet (HTML) - Maxim Integrated Products


MAX777L Product details

General Description

The MAX777L/MAX778L/MAX779L are pulse-skipping DC-DC converters that step up from low-voltage inputs (1V guaranteed). They require only three external components—an inductor(typically 22µH) and two capacitors. The MAX777L delivers a 5V output, the MAX778L generates pin-selectable voltages of 3.0V or 3.3V, and the MAX779L output can be adjusted from 2.5V to 6V through an external resistive divider.



Features

♦ 1V to 4.5V Input Guarantees Start-Up Under Load

♦ Up to 210mA Output

♦ Load Fully Disconnected in Shutdown

♦ 82% Efficiency

♦ Output in Regulation with Input Voltage above Output Voltage

♦ Internal 1A Power Switch and Active Rectifier

♦ Adjustable Current Limit Allows Low-Cost Inductors

♦ 190µA No Load Supply Current

♦ 20µA Shutdown Supply Current

♦ 3V/3.3V (MAX778L), 5V (MAX777L), and Adjustable (MAX779L) Output Voltage



Applications

Single Battery-Cell (1V), Step-Up Voltage Conversion

Efficient, High-Power Step-Up Regulation from

Low Input Voltages

Pagers

Portable Instruments & Hand-Held Terminals

Notebook and Palmtop Computers




Similar Part No. - MAX777L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
MAX77714 MAXIM-MAX77714 Datasheet
2Mb / 20P
Proven PCB Reference Design and Layout
Rev 0; 5/18
MAX77714EVKIT MAXIM-MAX77714EVKIT Datasheet
2Mb / 20P
MAX77714 Multichannel MAX77714 Multichannel
319-100195; Rev 0; 5/18
MAX77714EVKIT# MAXIM-MAX77714EVKIT# Datasheet
2Mb / 20P
MAX77714 Multichannel MAX77714 Multichannel
319-100195; Rev 0; 5/18
logo
Analog Devices
MAX77720 AD-MAX77720 Datasheet
2Mb / 52P
Wide Output-Voltage Range, Dual- Polarity PMIC
19-101733; Rev 0; 9/23
More results


Similar Description - MAX777L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
logo
Shenzhen Huazhimei Semi...
HM9228 HMSEMI-HM9228 Datasheet
951Kb / 10P
3.3V~5V Input 24W Output Step-up DC/DC Converter
HM9226 HMSEMI-HM9226 Datasheet
579Kb / 10P
3.3V~5V Input 12W Output Step-up DC/DC Converter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com