Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77720 Datasheet (PDF) - Analog Devices

MAX77720 Datasheet PDF - Analog Devices
Part # MAX77720
Download  MAX77720 Download
File Size   3000.5 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wide Output-Voltage Range, Dual- Polarity PMIC

MAX77720 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX77720 Datasheet PDF - Analog Devices

Part # MAX77720
Download  MAX77720 Click to download

File Size   3000.5 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wide Output-Voltage Range, Dual- Polarity PMIC

MAX77720 Datasheet (HTML) - Analog Devices


MAX77720 Product details

General Description
The MAX77720 dual-output DC-DC converter generates
two independently regulating positive and negative
supply voltages. The positive output delivers up to 4W of
power at the output while the negative output delivers up
to 4.8W of power. The MAX77720 is ideal for powering
time of flight (ToF) imaging sensors and OLED displays
in smart internet of things (IoT) devices.
The MAX77720 generates an adjustable negative output
down to -24V and a positive output voltage up to +20V.
The negative output operates at a fixed 1.5MHz
frequency while the positive output operates at a fixed
1MHz frequency to ease noise filtering in sensitive
applications and to reduce external component size.
The nERR pin, when connected to an external device’s
output pin, is used to disable the regulators to signal an
external error. This error can be cleared through I2C
from a host processor to re-enable the regulators. While
in the error on state, there is an option for the active
discharge to be enabled or disabled (for example, to set
the regulator outputs to a high-Z floating).
A bidirectional I2C serial interface allows for configuring
and checking the status of the devices. Numerous
factory-programmable options allow the device to be
tailored for many applications, enabling faster time to market.

Benefits and Features
• 2.5V to 5.5V Input Voltage Range
• Programmable Output-Voltage Range (Up to +20V
and Down to -24V)
• Flexible and Configurable
o I2C Interface
o Factory OTP Settings Available
o Programmable Turn-On and -Off Delay
Between Rails
• 1.2V to 3.6V VIO-Compatible
• True Shutdown™ for Boost
• Programmable Peak Current Limit for Boost (Up to
1A and Down to 0.5A)
• Thermal-Shutdown Protection
• Fault-Condition Flag
• Error Pin for External Sensor Fault Condition
• Controlled Inrush Current During Soft-Start
• -40°C to +125°C Operating Temperature Range
• Small Size
o 3.86mm2 Wafer-Level Package (WLP)
o 20-Bump, 0.4mm-Pitch, 5 x 4 Array

Key Applications
• ToF Sensors
• OLED Displays
• Bipolar Amplifiers




Similar Part No. - MAX77720

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX77726 AD-MAX77726 Datasheet
1Mb / 25P
22V, 3A Synchronous Buck Converter with Ultrasonic Mode
Rev 0 12/25
MAX77726AWC+ AD-MAX77726AWC+ Datasheet
1Mb / 25P
22V, 3A Synchronous Buck Converter with Ultrasonic Mode
Rev 0 12/25
MAX77726AWC+T AD-MAX77726AWC+T Datasheet
1Mb / 25P
22V, 3A Synchronous Buck Converter with Ultrasonic Mode
Rev 0 12/25
MAX77727 AD-MAX77727 Datasheet
1Mb / 25P
22V, 3A Synchronous Buck Converter with Ultrasonic Mode
Rev 0 12/25
MAX77727AAWC+ AD-MAX77727AAWC+ Datasheet
1Mb / 25P
22V, 3A Synchronous Buck Converter with Ultrasonic Mode
Rev 0 12/25
More results


Similar Description - MAX77720

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7332 NSC-LM7332 Datasheet
644Kb / 20P
Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
Wide supply voltage range
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
Wide Input Voltage Range
logo
Texas Instruments
LM7332 TI-LM7332_15 Datasheet
1Mb / 27P
LM7332 Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
Wide input voltage range
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
Wide input voltage range
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
Wide input voltage range
logo
Analog Devices
ADP5051 AD-ADP5051 Datasheet
2Mb / 28P
Wide input voltage range
Rev 21 Jan 2014 15:09
logo
Allegro MicroSystems
ATS468 ALLEGRO-ATS468 Datasheet
847Kb / 15P
Wide operating voltage range
logo
Richtek Technology Corp...
RT4832A RICHTEK-RT4832A Datasheet
1Mb / 26P
Sub PMIC with Dual-Output Boost Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com