Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77727AAWC+ Datasheet (PDF) - Analog Devices

MAX77727AAWC+ Datasheet PDF - Analog Devices
Part # MAX77727AAWC+
Download  MAX77727AAWC+ Download
File Size   1157.42 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 22V, 3A Synchronous Buck Converter with Ultrasonic Mode

MAX77727AAWC+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX77727AAWC+ Datasheet PDF - Analog Devices

Part # MAX77727AAWC+
Download  MAX77727AAWC+ Click to download

File Size   1157.42 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 22V, 3A Synchronous Buck Converter with Ultrasonic Mode

MAX77727AAWC+ Datasheet (HTML) - Analog Devices


MAX77727AAWC+ Product details

Features
• 3.6V to 22V Input Voltage Range
• 1.8V to 15V Output Voltage Range
• Low Current Consumption and High Efficiency
• 100nA Shutdown Current
• 800nA Quiescent Current in Low Power Mode
• 96% Peak Efficiency
• Integrated 50mΩ and 45mΩ Power MOSFETs
• Up to 4.6A Inductor Peak Current Limit
• MAX77726 Provides 3.3V, 5V, 9V, and 15V
Regulation Target Voltage Selection using Two
VSEL Pins
• MAX77727 Provides Output Voltage Programmable
from 1.8V to 15V Through I2C (with 100mV
Resolution in the Range from 1.8V to 4.9V, and
250mV Resolution in the Range from 5V to 15V
• MAX77726 Provides Pin Selectable Ultrasonic Mode
• MAX77727 Provides I2C Selectable for Forced PWM
Mode
• Output Active Discharge Feature
• Ease of Use and Small Solution Size
• Cycle-by-Cycle Inductor Peak Current Limit,
UVLO, Output Short Circuit, Over-Temperature
Protection Features
• 12-Pin, 0.4mm Pitch, 0.65mm Height Wafer-
Level Package (WLP)
• Use of Chip Type Inductors and Ceramic
Capacitors
• 1.32mm x 1.77mm, 12-WLP, 0.4mm Pitch Package




Similar Part No. - MAX77727AAWC+

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX77720 AD-MAX77720 Datasheet
2Mb / 52P
Wide Output-Voltage Range, Dual- Polarity PMIC
19-101733; Rev 0; 9/23
MAX77720SANP+T AD-MAX77720SANP+T Datasheet
2Mb / 52P
Wide Output-Voltage Range, Dual- Polarity PMIC
19-101733; Rev 0; 9/23
More results


Similar Description - MAX77727AAWC+

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
3A Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE723A ACE-ACE723A Datasheet
643Kb / 8P
3A 1.5MHz 5.5V Synchronous Buck Converter
VER 1.3
logo
Anpec Electronics Corop...
APW7153 ANPEC-APW7153 Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
APW7301 ANPEC-APW7301 Datasheet
351Kb / 20P
3A 24V 340kHz synchronous Buck Converter
logo
Seaward Electronics Inc...
SE1484 SEAWARD-SE1484 Datasheet
670Kb / 8P
3A 27V Synchronous Buck Converter
logo
E-CMOS Corporation
EC3284S E-CMOS-EC3284S Datasheet
1,005Kb / 9P
3A 28V Synchronous Buck Converter
logo
Monolithic Power System...
EV8758H-L-00A MPS-EV8758H-L-00A Datasheet
603Kb / 8P
22V, 10A, High Current Synchronous Buck Converter
logo
Lite-On Technology Corp...
LSP5523 LITEON-LSP5523 Datasheet
641Kb / 16P
3A 27V Synchronous Buck Converter
logo
Diodes Incorporated
LSP5523 DIODES-LSP5523 Datasheet
836Kb / 17P
3A 27V Synchronous Buck Converter
Rev. 7 - 2 May 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com