Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7301 Datasheet (PDF) - Anpec Electronics Coropration

APW7301 Datasheet PDF - Anpec Electronics Coropration
Part # APW7301
Download  APW7301 Download
File Size   351.35 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A 24V 340kHz synchronous Buck Converter

APW7301 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7301 Datasheet PDF - Anpec Electronics Coropration

Part # APW7301
Download  APW7301 Click to download

File Size   351.35 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A 24V 340kHz synchronous Buck Converter

APW7301 Datasheet (HTML) - Anpec Electronics Coropration


APW7301 Product details

General  Description

APW7301 is a 3A synchronous buck converter with integrated 85mWpower MOSFET s. The APW7301 design with a current-mode control scheme, can convert wide input voltage of 4.5V to 24V to the output voltage adjustable from 0.925V to 20V to provide excellent output voltage regulation.



Features

• Wide Input Voltage from 4.5V to 24V

• 3A Continuous Output Current

• Adjustable Output Voltage from 0.925V to 20V

• Intergrated High/Low Side MOSFET

• PFM/PWM mode Operation

• Fixed 340kHz Switching Frequency

• Stable with Low ESR Ceramic Output Capacitors

• Power-On-Reset Detection

• Programmable Soft-Start

• Over-Temperature Protection

• Current-Limit Protection with Frequency Foldback

• Enable/Shutdown Function

• Small SOP-8P Package

• Lead Free and Green Devices Available (RoHS Compliant)



Applications

• LCD Monitor/TV

• Set-Top Box

• DSL, Switch HUB

• Notebook Computer




Similar Part No. - APW7301

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7300 ANPEC-APW7300 Datasheet
350Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7300KI-TRG ANPEC-APW7300KI-TRG Datasheet
350Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7302 ANPEC-APW7302 Datasheet
578Kb / 19P
2A 24V 340kHz Synchronous Buck Converter
APW7302B ANPEC-APW7302B Datasheet
553Kb / 19P
2A 24V 340kHz Synchronous Buck Converter
APW7302BKAI-TRG ANPEC-APW7302BKAI-TRG Datasheet
553Kb / 19P
2A 24V 340kHz Synchronous Buck Converter
More results


Similar Description - APW7301

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7300 ANPEC-APW7300 Datasheet
350Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7302 ANPEC-APW7302 Datasheet
578Kb / 19P
2A 24V 340kHz Synchronous Buck Converter
APW7302B ANPEC-APW7302B Datasheet
553Kb / 19P
2A 24V 340kHz Synchronous Buck Converter
APW7303 ANPEC-APW7303 Datasheet
301Kb / 18P
3A 24V 340kHz synchronous Buck Converter
APW7304 ANPEC-APW7304 Datasheet
319Kb / 19P
4A 24V 340kHz synchronous Buck Converter
APW7312 ANPEC-APW7312 Datasheet
350Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7313 ANPEC-APW7313 Datasheet
351Kb / 20P
3A 24V 340kHz synchronous Buck Converter
APW7334 ANPEC-APW7334 Datasheet
269Kb / 15P
2A 24V 340kHz synchronous Buck Converter
APW7336 ANPEC-APW7336 Datasheet
341Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7337 ANPEC-APW7337 Datasheet
340Kb / 20P
3A 24V 340kHz synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com