Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7313 Datasheet (PDF) - Anpec Electronics Coropration

APW7313 Datasheet PDF - Anpec Electronics Coropration
Part # APW7313
Download  APW7313 Download
File Size   351.79 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A 24V 340kHz synchronous Buck Converter

APW7313 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7313 Datasheet PDF - Anpec Electronics Coropration

Part # APW7313
Download  APW7313 Click to download

File Size   351.79 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A 24V 340kHz synchronous Buck Converter

APW7313 Datasheet (HTML) - Anpec Electronics Coropration


APW7313 Product details

General Description

APW7313 is a 3A synchronous buck converter with integrated 110mΩ power MOSFETs. The APW7313 design with a current-mode control scheme, can convert wide input voltage of 4.5V to 24V to the output voltage adjustable from 0.925V to 20V to provide excellent output voltage regulation.

The APW7313 is equipped with an automatic PFM/PWM mode operation. At light load, the IC operates in the PFM mode to reduce the switching losses. At heavy load, the C works in PWM.

The APW7313 is also equipped with Power-on-reset, soft start, and whole protections (over-temperature, and current-limit) into a single package.

This device, available SOP-8P, provides a very compact system solution external components and PCB area.



Features

· Wide Input Voltage from 4.5V to 24V

· 3A Continuous Output Current

· Adjustable Output Voltage from 0.925V to 20V

· Intergrated High/Low Side MOSFET

· PFM/PWM mode Operation

· Fixed 340kHz Switching Frequency

· Stable with Low ESR Ceramic Output Capacitors

· Power-On-Reset Detection

· Programmable Soft-Start

· Over-Temperature Protection

· Current-Limit Protection with Frequency Foldback

· Enable/Shutdown Function

· Small SOP-8P Package

· Lead Free and Green Devices Available (RoHS Compliant)



Applications

· LCD Monitor/TV

· Set-Top Box

· DSL, Switch HUB

· Notebook Computer



 




Similar Part No. - APW7313

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7311 ANPEC-APW7311 Datasheet
261Kb / 16P
3A 24V 1.3MHz synchronous Buck Converter
APW7311KAI-TRG ANPEC-APW7311KAI-TRG Datasheet
261Kb / 16P
3A 24V 1.3MHz synchronous Buck Converter
APW7312 ANPEC-APW7312 Datasheet
350Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7312KI-TRG ANPEC-APW7312KI-TRG Datasheet
350Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7314 ANPEC-APW7314 Datasheet
942Kb / 18P
24V 2A 500kHz synchronous Buck Converter
More results


Similar Description - APW7313

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7300 ANPEC-APW7300 Datasheet
350Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7301 ANPEC-APW7301 Datasheet
351Kb / 20P
3A 24V 340kHz synchronous Buck Converter
APW7302 ANPEC-APW7302 Datasheet
578Kb / 19P
2A 24V 340kHz Synchronous Buck Converter
APW7302B ANPEC-APW7302B Datasheet
553Kb / 19P
2A 24V 340kHz Synchronous Buck Converter
APW7303 ANPEC-APW7303 Datasheet
301Kb / 18P
3A 24V 340kHz synchronous Buck Converter
APW7304 ANPEC-APW7304 Datasheet
319Kb / 19P
4A 24V 340kHz synchronous Buck Converter
APW7312 ANPEC-APW7312 Datasheet
350Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7334 ANPEC-APW7334 Datasheet
269Kb / 15P
2A 24V 340kHz synchronous Buck Converter
APW7336 ANPEC-APW7336 Datasheet
341Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7337 ANPEC-APW7337 Datasheet
340Kb / 20P
3A 24V 340kHz synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com