Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7337 Datasheet (PDF) - Anpec Electronics Coropration

APW7337 Datasheet PDF - Anpec Electronics Coropration
Part # APW7337
Download  APW7337 Download
File Size   340.72 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A 24V 340kHz synchronous Buck Converter

APW7337 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7337 Datasheet PDF - Anpec Electronics Coropration

Part # APW7337
Download  APW7337 Click to download

File Size   340.72 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A 24V 340kHz synchronous Buck Converter

APW7337 Datasheet (HTML) - Anpec Electronics Coropration


APW7337 Product details

General Description
APW7337 is a 3A synchronous buck converter with integrated 85mW power MOSFETs. The APW7337 design with a current-mode control scheme, can convert wide input voltage of 4.5V to 24V to the output voltage adjustable from 0.8V to 20V to provide excellent output voltage regulation.

Features
• Wide Input Voltage from 4.5V to 24V
• 3A Continuous Output Current
• Adjustable Output Voltage from 0.8V to 20V
• Intergrated High/Low Side MOSFET
• PFM/PWM mode Operation
• Fixed 340kHz Switching Frequency
• Stable with Low ESR Ceramic Output Capacitors
• Power-On-Reset Detection
• Programmable Soft-Start
• Over-Temperature Protection
• Current-Limit Protection with Frequency Foldback
• Enable/Shutdown Function
• Small TDFN3x3-10 Package
• Lead Free and Green Devices Available (RoHS Compliant)

Applications
• LCD Monitor/TV
• Set-Top Box
• DSL, Switch HUB
• Notebook Computer




Similar Part No. - APW7337

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7334 ANPEC-APW7334 Datasheet
269Kb / 15P
2A 24V 340kHz synchronous Buck Converter
APW7334KI-TRG ANPEC-APW7334KI-TRG Datasheet
269Kb / 15P
2A 24V 340kHz synchronous Buck Converter
APW7336 ANPEC-APW7336 Datasheet
341Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7336QBI-TRG ANPEC-APW7336QBI-TRG Datasheet
341Kb / 20P
2A 24V 340kHz synchronous Buck Converter
More results


Similar Description - APW7337

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7300 ANPEC-APW7300 Datasheet
350Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7301 ANPEC-APW7301 Datasheet
351Kb / 20P
3A 24V 340kHz synchronous Buck Converter
APW7302 ANPEC-APW7302 Datasheet
578Kb / 19P
2A 24V 340kHz Synchronous Buck Converter
APW7302B ANPEC-APW7302B Datasheet
553Kb / 19P
2A 24V 340kHz Synchronous Buck Converter
APW7303 ANPEC-APW7303 Datasheet
301Kb / 18P
3A 24V 340kHz synchronous Buck Converter
APW7304 ANPEC-APW7304 Datasheet
319Kb / 19P
4A 24V 340kHz synchronous Buck Converter
APW7312 ANPEC-APW7312 Datasheet
350Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7313 ANPEC-APW7313 Datasheet
351Kb / 20P
3A 24V 340kHz synchronous Buck Converter
APW7334 ANPEC-APW7334 Datasheet
269Kb / 15P
2A 24V 340kHz synchronous Buck Converter
APW7336 ANPEC-APW7336 Datasheet
341Kb / 20P
2A 24V 340kHz synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com