Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7302 Datasheet (PDF) - Anpec Electronics Coropration

APW7302 Datasheet PDF - Anpec Electronics Coropration
Part # APW7302
Download  APW7302 Download
File Size   578.73 Kbytes
Page   19 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 2A 24V 340kHz Synchronous Buck Converter

APW7302 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7302 Datasheet PDF - Anpec Electronics Coropration

Part # APW7302
Download  APW7302 Click to download

File Size   578.73 Kbytes
Page   19 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 2A 24V 340kHz Synchronous Buck Converter

APW7302 Datasheet (HTML) - Anpec Electronics Coropration


APW7302 Product details

General Description

APW7302 is a 2A synchronous buck converter with integrated power MOSFETs. The APW7302 design with a current-mode control scheme, can convert wide input voltage of 4.5V to 24V to the output voltage adjustable

from 0.92V to 20V to provide excellent output voltage regulation.

The APW7302 is also equipped with Power-on-reset, soft start, and whole protections (over-temperature, and current-limit) into a single package. This device, available SOP-8, provides a very compact system solution external components and PCB area.



Features

· Wide Input Voltage from 4.5V to 24V

· 2A Continuous Output Current

· Adjustable Output Voltage from 0.92V to 20V

· Intergrated N-MOSFET

· Fixed 340kHz Switching Frequency

· Stable with Low ESR Capacitors

· Power-On-Reset Detection

· Programmable Soft-Start

· Over-Temperature Protection

· Over-Voltage Protection

· Current-Limit Protection with Frequency Foldback

· Enable/Shutdown Function

· Small SOP-8 Package

· Lead Free and Green Devices Available (RoHS Compliant)



Applications

· LCD Monitor/TV

· Set-Top Box

· DSL, Switch HUB

· Notebook Computer




Similar Part No. - APW7302

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7302B ANPEC-APW7302B Datasheet
553Kb / 19P
2A 24V 340kHz Synchronous Buck Converter
APW7302BKAI-TRG ANPEC-APW7302BKAI-TRG Datasheet
553Kb / 19P
2A 24V 340kHz Synchronous Buck Converter
APW7302BKAI-TRG ANPEC-APW7302BKAI-TRG Datasheet
301Kb / 18P
3A 24V 340kHz synchronous Buck Converter
More results


Similar Description - APW7302

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7300 ANPEC-APW7300 Datasheet
350Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7301 ANPEC-APW7301 Datasheet
351Kb / 20P
3A 24V 340kHz synchronous Buck Converter
APW7302B ANPEC-APW7302B Datasheet
553Kb / 19P
2A 24V 340kHz Synchronous Buck Converter
APW7303 ANPEC-APW7303 Datasheet
301Kb / 18P
3A 24V 340kHz synchronous Buck Converter
APW7304 ANPEC-APW7304 Datasheet
319Kb / 19P
4A 24V 340kHz synchronous Buck Converter
APW7312 ANPEC-APW7312 Datasheet
350Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7313 ANPEC-APW7313 Datasheet
351Kb / 20P
3A 24V 340kHz synchronous Buck Converter
APW7334 ANPEC-APW7334 Datasheet
269Kb / 15P
2A 24V 340kHz synchronous Buck Converter
APW7336 ANPEC-APW7336 Datasheet
341Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7337 ANPEC-APW7337 Datasheet
340Kb / 20P
3A 24V 340kHz synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com