Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7300 Datasheet (PDF) - Anpec Electronics Coropration

APW7300 Datasheet PDF - Anpec Electronics Coropration
Part # APW7300
Download  APW7300 Download
File Size   350.48 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 2A 24V 340kHz synchronous Buck Converter

APW7300 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7300 Datasheet PDF - Anpec Electronics Coropration

Part # APW7300
Download  APW7300 Click to download

File Size   350.48 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 2A 24V 340kHz synchronous Buck Converter

APW7300 Datasheet (HTML) - Anpec Electronics Coropration


APW7300 Product details

General Description
APW7300 is a 2A synchronous buck converter with integrated power MOSFETs. The APW7300 design with a current-mode control scheme, can convert wide input voltage of 4.5V to 24V to the output voltage adjustable from 0. 925V to 20V to provide excellent output voltage regulation. The APW7300 is equipped with an automatic PFM/PWM mode operation. At light load, the IC operates in the PFM mode to reduce the switching losses. At heavy load, the IC works in PWM.

Features
• Wide Input Voltage from 4.5V to 24V
• 2A Continuous Output Current
• Adjustable Output Voltage from 0.925V to 20V
• Intergrated High/Low Side MOSFET
• PFM/PWM mode Operation
• Fixed 340kHz Switching Frequency
• Stable with Low ESR Ceramic Output Capacitors
• Power-On-Reset Detection
• Programmable Soft-Start
• Over-Temperature Protection
• Current-Limit Protection with Frequency Foldback
• Enable/Shutdown Function
• Small SOP-8 Package
• Lead Free and Green Devices Available (RoHS Compliant)

Applications
• LCD Monitor/TV
• Set-Top Box
• DSL, Switch HUB
• Notebook Computer




Similar Part No. - APW7300

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7300KAI-TRG ANPEC-APW7300KAI-TRG Datasheet
351Kb / 20P
3A 24V 340kHz synchronous Buck Converter
More results


Similar Description - APW7300

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7301 ANPEC-APW7301 Datasheet
351Kb / 20P
3A 24V 340kHz synchronous Buck Converter
APW7302 ANPEC-APW7302 Datasheet
578Kb / 19P
2A 24V 340kHz Synchronous Buck Converter
APW7302B ANPEC-APW7302B Datasheet
553Kb / 19P
2A 24V 340kHz Synchronous Buck Converter
APW7303 ANPEC-APW7303 Datasheet
301Kb / 18P
3A 24V 340kHz synchronous Buck Converter
APW7304 ANPEC-APW7304 Datasheet
319Kb / 19P
4A 24V 340kHz synchronous Buck Converter
APW7312 ANPEC-APW7312 Datasheet
350Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7313 ANPEC-APW7313 Datasheet
351Kb / 20P
3A 24V 340kHz synchronous Buck Converter
APW7334 ANPEC-APW7334 Datasheet
269Kb / 15P
2A 24V 340kHz synchronous Buck Converter
APW7336 ANPEC-APW7336 Datasheet
341Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7337 ANPEC-APW7337 Datasheet
340Kb / 20P
3A 24V 340kHz synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com