Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7314 Datasheet (PDF) - Anpec Electronics Coropration

APW7314 Datasheet PDF - Anpec Electronics Coropration
Part # APW7314
Download  APW7314 Download
File Size   942.88 Kbytes
Page   18 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 24V 2A 500kHz synchronous Buck Converter

APW7314 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7314 Datasheet PDF - Anpec Electronics Coropration

Part # APW7314
Download  APW7314 Click to download

File Size   942.88 Kbytes
Page   18 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 24V 2A 500kHz synchronous Buck Converter

APW7314 Datasheet (HTML) - Anpec Electronics Coropration


APW7314 Product details

General Description

APW7314 is a 2A synchronous buck converter with integrated low Rds(on) power MOSFETs. The APW7314 design with a current-mode control scheme, can convert wide input voltage of 4.5V to 24V to the output voltage adjustable from 0.807V to 13V to provide excellent output voltage regulation.



Features

· Wide Input Voltage from 4.5V to 24V

· 2A Continuous Output Current

· Adjustable Output Voltage from 0.807V to 13V

· Integrated Low Rds(on) MOSFETs

· Fixed 500kHz Switching Frequency

· Over-Temperature Protection

· Current-Limit Protection with HICCUP Mode

· Small TSOT-23-8A Package

· Lead Free and Green Devices Available (RoHS Compliant)



Applications

· LCD Monitor/TV

· Set-Top Box

· DSL, Switch HUB

· Notebook Computer




Similar Part No. - APW7314

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7311 ANPEC-APW7311 Datasheet
261Kb / 16P
3A 24V 1.3MHz synchronous Buck Converter
APW7311KAI-TRG ANPEC-APW7311KAI-TRG Datasheet
261Kb / 16P
3A 24V 1.3MHz synchronous Buck Converter
APW7312 ANPEC-APW7312 Datasheet
350Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7312KI-TRG ANPEC-APW7312KI-TRG Datasheet
350Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7313 ANPEC-APW7313 Datasheet
351Kb / 20P
3A 24V 340kHz synchronous Buck Converter
More results


Similar Description - APW7314

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7300 ANPEC-APW7300 Datasheet
350Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7302 ANPEC-APW7302 Datasheet
578Kb / 19P
2A 24V 340kHz Synchronous Buck Converter
APW7302B ANPEC-APW7302B Datasheet
553Kb / 19P
2A 24V 340kHz Synchronous Buck Converter
APW7312 ANPEC-APW7312 Datasheet
350Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7334 ANPEC-APW7334 Datasheet
269Kb / 15P
2A 24V 340kHz synchronous Buck Converter
APW7336 ANPEC-APW7336 Datasheet
341Kb / 20P
2A 24V 340kHz synchronous Buck Converter
logo
Monolithic Power System...
MPQ2314 MPS-MPQ2314 Datasheet
842Kb / 21P
High Efficiency 2A, 24V, 500kHz Synchronous Step Down Converter
MP2314 MPS-MP2314 Datasheet
738Kb / 18P
High Efficiency 2A, 24V, 500kHz Synchronous Step Down Converter
9/17/2014 Rev. 1.02
MP2314S MPS-MP2314S Datasheet
924Kb / 16P
2A, 24V, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MP2324 MPS-MP2324 Datasheet
1Mb / 17P
High Efficiency 2A, 24V, 500kHz Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com