Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7311 Datasheet (PDF) - Anpec Electronics Coropration

APW7311 Datasheet PDF - Anpec Electronics Coropration
Part # APW7311
Download  APW7311 Download
File Size   261.76 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A 24V 1.3MHz synchronous Buck Converter

APW7311 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7311 Datasheet PDF - Anpec Electronics Coropration

Part # APW7311
Download  APW7311 Click to download

File Size   261.76 Kbytes
Page   16 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A 24V 1.3MHz synchronous Buck Converter

APW7311 Datasheet (HTML) - Anpec Electronics Coropration


APW7311 Product details

General  Description

APW7311 is a 3A synchronous buck converter with integrated power MOSFET s. The APW7311 design with a current-mode control scheme, can convert wide input voltage of 4.5V to 24V to the output voltage adjustable from 0.925V to 17V to provide excellent output voltage regulation.



Features

• Wide Input Voltage from 4.5V to 24V

• 3A Continuous Output Current

• Adjustable Output Voltage from 0.925V to 17V

• Intergrated High/Low Side MOSFET

• PFM/PWM mode Operation

• Fixed 1.3MHz Switching Frequency

• Stable with Low ESR Ceramic Output Capacitors

• Power-On-Reset Detection

• Programmable Soft-Start

• Over-Temperature Protection

• Current-Limit Protection with Frequency Foldback

• Enable/Shutdown Function

• Small SOP-8P Package

• Lead Free and Green Devices Available(RoHS Compliant)



Applications

• LCD Monitor/TV

• Set-Top Box

• DSL, Switch HUB

• Notebook Computer



 




Similar Part No. - APW7311

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7312 ANPEC-APW7312 Datasheet
350Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7312KI-TRG ANPEC-APW7312KI-TRG Datasheet
350Kb / 20P
2A 24V 340kHz synchronous Buck Converter
APW7313 ANPEC-APW7313 Datasheet
351Kb / 20P
3A 24V 340kHz synchronous Buck Converter
APW7313KAI-TRG ANPEC-APW7313KAI-TRG Datasheet
351Kb / 20P
3A 24V 340kHz synchronous Buck Converter
APW7314 ANPEC-APW7314 Datasheet
942Kb / 18P
24V 2A 500kHz synchronous Buck Converter
More results


Similar Description - APW7311

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2103 FAIRCHILD-FAN2103 Datasheet
893Kb / 14P
3A, 24V Input Integrated Synchronous Buck Regulator
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
3A Synchronous Buck Converter
logo
Anpec Electronics Corop...
APW7301 ANPEC-APW7301 Datasheet
351Kb / 20P
3A 24V 340kHz synchronous Buck Converter
APW7303 ANPEC-APW7303 Datasheet
301Kb / 18P
3A 24V 340kHz synchronous Buck Converter
APW7313 ANPEC-APW7313 Datasheet
351Kb / 20P
3A 24V 340kHz synchronous Buck Converter
APW7337 ANPEC-APW7337 Datasheet
340Kb / 20P
3A 24V 340kHz synchronous Buck Converter
APW8835 ANPEC-APW8835 Datasheet
227Kb / 14P
24V, 3A DC-DC Synchronous Buck Converter
logo
Monolithic Power System...
MP2227 MPS-MP2227 Datasheet
458Kb / 13P
24V, 3A, 1.3MHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE722G ACE-ACE722G Datasheet
1Mb / 13P
5V 2.0A, 1.3MHz Synchronous Buck Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9309 BELLING-BL9309 Datasheet
895Kb / 9P
5.5V 2.0A 1.3MHz Synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com