Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7715 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7715 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7715
Download  ST7715 Download
File Size   1906.68 Kbytes
Page   167 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 262K Color Single-Chip TFT Controller/Driver

ST7715 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7715 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7715
Download  ST7715 Click to download

File Size   1906.68 Kbytes
Page   167 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 262K Color Single-Chip TFT Controller/Driver

ST7715 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7715 Product details

Introduction
The ST7715 is a single-chip controller/driver for 262K-color, graphic type TFT-LCD. It consists of 396 source line and 132 gate line driving circuits. This chip is capable of connecting directly to an external microprocessor, and accepts Serial Peripheral Interface (SPI), 8-bit/9-bit/16-bit/18-bit parallel interface. Display data can be stored in the on-chip display data RAM of 132 x 132 x 18 bits. It can perform display data RAM read/write operation with no external operation clock to minimize power consumption. In addition, because of the integrated power supply circuits necessary to drive liquid crystal, it is possible to make a display system with fewer components.

Features
    Single chip TFT-LCD Controller/Driver with RAM
    On-chip Display Data RAM (i.e. Frame Memory)
        - 132 (H) x RGB x 132 (V) bits
    LCD Driver Output Circuits:
        - Source Outputs: 132 RGB channels
        - Gate Outputs: 132 channels
    Display Resolution
        - 132 (RGB) x 132 (GM[2:0]= ”001”, DDRAM: 132 x 18-bits x 132)
    Display Colors (Color Mode)
        - Full Color: 262K, RGB=(666) max., Idle Mode OFF
        - Color Reduce: 8-color, RGB=(111), Idle Mode ON
    Programmable Pixel Color Format (Color Depth) for Various Display Data input Format
        - 12-bit/pixel: RGB=(444) using the 384k-bit frame memory and LUT
        - 16-bit/pixel: RGB=(565) using the 384k-bit frame memory and LUT
        - 18-bit/pixel: RGB=(666) using the 384k-bit frame memory and LUT
    Various Interfaces
        - Parallel 8080-series MCU Interface (8-bit, 9-bit, 16-bit & 18-bit)
        - 3-line serial interface
        - 4-line serial interface




Similar Part No. - ST7715

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7710-STDVB STMICROELECTRONICS-ST7710-STDVB Datasheet
84Kb / 3P
Single-chip, low-cost high definition set-top box decoder
Rev. 1
logo
Sitronix Technology Co....
ST7712 SITRONIX-ST7712 Datasheet
1Mb / 113P
262K Color Single-Chip TFT Controller/Driver
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
262K Color Single-Chip TFT Controller/Driver
More results


Similar Description - ST7715

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7712 SITRONIX-ST7712 Datasheet
1Mb / 113P
262K Color Single-Chip TFT Controller/Driver
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
262K Color Single-Chip TFT Controller/Driver
ST7732 SITRONIX-ST7732 Datasheet
2Mb / 168P
262K Color Single-Chip TFT Controller/Driver
ST7735 SITRONIX-ST7735 Datasheet
1Mb / 166P
262K Color Single-Chip TFT Controller/Driver
ST7773 SITRONIX-ST7773 Datasheet
2Mb / 128P
262K Color Single-Chip TFT Controller/Driver
ST7781 SITRONIX-ST7781 Datasheet
1Mb / 88P
262K Color Single - Chip TFT Controller/Driver
ST7787 SITRONIX-ST7787 Datasheet
2Mb / 217P
262K Color Single-Chip TFT Controller/Driver
ST7789H2 SITRONIX-ST7789H2 Datasheet
3Mb / 314P
single-chip controller/driver for 262K-color, graphic type TFT-LCD
ST7735R SITRONIX-ST7735R Datasheet
2Mb / 164P
262K Color Single-Chip TFT Controller/Driver
ST7735S SITRONIX-ST7735S Datasheet
2Mb / 201P
132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.1 2011/11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com