Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7781 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7781 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7781
Download  ST7781 Download
File Size   1287.12 Kbytes
Page   88 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 262K Color Single - Chip TFT Controller/Driver

ST7781 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7781 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7781
Download  ST7781 Click to download

File Size   1287.12 Kbytes
Page   88 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 262K Color Single - Chip TFT Controller/Driver

ST7781 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7781 Product details

Introduction

The ST7781 is a single-chip controller/driver for 262K-color, graphic type TFT-LCD. It consists of 720 source line and 320 gate line driving circuits. This chip is capable of connecting directly to an external microprocessor, and accepts, 8-bits/9-bits/16-bits/18-bits parallel interface. Display data can be stored in the on-chip display data RAM of 240x320x18 bits. It can perform display data RAM read/write operation with no external operation clock to minimize power consumption. In addition, because of the integrated power supply circuit necessary to drive liquid crystal; it is possible to make a display system with the fewest components.



Features

◆ Driver Output:

- 720ch Source Outputs (240 X RGB)

- 320ch Gate Outputs

- Common Electrode Output

◆ Single Chip Display RAM:

-Capacity: 240x320x18 bit

◆ Support Display Color

- 65K Color

- 262K Color

- 8-color (Idle Mode)

◆ Supported LC Type Option

- MVA LC Type

- Transflective LC Type

- Transmissive LC Type

◆ Supported MCU Interface

- 8/9/16/18-bit Interface with 8080-Series MCU

- 3-line serial interface

◆ Display Features

- Partial Display Mode

- Resizing Function (x1/2, x1/4)

◆ Build-in Circuit

- DC/DC Converter

- Adjustable VCOM Generation

- Oscillator for Display Clock Generation

- Timing Controller

- Non-volatile Memory for Factory Default Value

- Line Inversion, Frame Inversion

◆ Non-Volatile Memory

- 7-bits for ID Code

- 5-bits for VCOM Adjustment

◆ Supply Voltage Range

- Analog Supply Voltage (VDD) Range: 2.5V to 3.3V

- I/O Supply Voltage (VDDI) Range: 1.65V to 3.3V

◆ Output Voltage Level

- GVDD – AGND: 3V to (AVDD-0.5) V

- AVDD – AGND: 4.5V to 5.6V

- VCL – AGND: -2.0V to -3.0V

- VCOMH – AGND: 3.0V to (AVDD-0.5) V

- VCOML – AGND: (VCL+0.5) V to 0.0V

- VGH – AGND: 10V to 16.5V

- VGL – AGND: -5V to -14V

◆ Lower Power Consumption

- CMOS Compatible Inputs

- Optimized Layout for COG Assembly

- Operate Temperature Range: -30 ℃ ~ +85℃



 




Similar Part No. - ST7781

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST778 STMICROELECTRONICS-ST778 Datasheet
344Kb / 11P
LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER
logo
Sitronix Technology Co....
ST7787 SITRONIX-ST7787 Datasheet
2Mb / 217P
262K Color Single-Chip TFT Controller/Driver
ST7789 SITRONIX-ST7789 Datasheet
3Mb / 316P
240RGB x 320 dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.4 2014/04
ST7789H2 SITRONIX-ST7789H2 Datasheet
3Mb / 314P
single-chip controller/driver for 262K-color, graphic type TFT-LCD
ST7789V SITRONIX-ST7789V Datasheet
8Mb / 308P
The ST7789V is a single-chip controller/driver for 262K-color
More results


Similar Description - ST7781

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7712 SITRONIX-ST7712 Datasheet
1Mb / 113P
262K Color Single-Chip TFT Controller/Driver
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
262K Color Single-Chip TFT Controller/Driver
ST7715 SITRONIX-ST7715 Datasheet
1Mb / 167P
262K Color Single-Chip TFT Controller/Driver
ST7732 SITRONIX-ST7732 Datasheet
2Mb / 168P
262K Color Single-Chip TFT Controller/Driver
ST7735 SITRONIX-ST7735 Datasheet
1Mb / 166P
262K Color Single-Chip TFT Controller/Driver
ST7773 SITRONIX-ST7773 Datasheet
2Mb / 128P
262K Color Single-Chip TFT Controller/Driver
ST7787 SITRONIX-ST7787 Datasheet
2Mb / 217P
262K Color Single-Chip TFT Controller/Driver
ST7789H2 SITRONIX-ST7789H2 Datasheet
3Mb / 314P
single-chip controller/driver for 262K-color, graphic type TFT-LCD
ST7735R SITRONIX-ST7735R Datasheet
2Mb / 164P
262K Color Single-Chip TFT Controller/Driver
ST7735S SITRONIX-ST7735S Datasheet
2Mb / 201P
132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.1 2011/11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com