Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7712 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7712 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7712
Download  ST7712 Download
File Size   1163.41 Kbytes
Page   113 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 262K Color Single-Chip TFT Controller/Driver

ST7712 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7712 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7712
Download  ST7712 Click to download

File Size   1163.41 Kbytes
Page   113 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 262K Color Single-Chip TFT Controller/Driver

ST7712 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7712 Product details

Introduction
The ST7712 is a single-chip which generates 396 Source lines and 132 gate lines controller/driver for 262K color TFT dot graphic display. ST7712 support 18-bit high-speed bus interface and Serial Peripheral Interface (SPI), thus it can perform bi-operation functions, data transfer, and high-speed RAM write function. Display data can be stored in an on-chip display data RAM of 132x396x6 bits. It can perform display data RAM read/write operation without external operating clock to minimize power consumption. In addition, because it contains power supply circuits necessary to drive liquid crystal, it is possible to make a display system with the fewest components.

Features
Driver Output Circuits
−396 source output
−132 gate output

On-chip Display Data RAM
−Capacity: 396 × 132 × 6 =313,632bits
−65K colors (RGB)= (565) mode
−262K colors (RGB)= (666) mode

Applicable Duty Ratios
- Various partial display
- Partial window moving & data scrolling

Microprocessor Interface
−8/9/16/18-bit parallel bi-directional interface with
−6800-series or 8080-series
−4-line serial interface
−3-line serial interface

On-chip Low Power Analog Circuit
−On-chip oscillator circuit
−Voltage converter generating liquid crystal driver up to 6-time scale
−Simultaneous availability of 262K color with γ-correction function

Operating Voltage Range
−Vcc: 2.4~3.3V (logic power supply)
−Vci: 2.5~3.3V (analog power supply)
−IOVcc: 1.8~3.3V (interface power supply)
−Source line voltage: DDVDH=4.5~6.0V

Package Type
−Application for COG




Similar Part No. - ST7712

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7710-STDVB STMICROELECTRONICS-ST7710-STDVB Datasheet
84Kb / 3P
Single-chip, low-cost high definition set-top box decoder
Rev. 1
logo
Sitronix Technology Co....
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
262K Color Single-Chip TFT Controller/Driver
ST7715 SITRONIX-ST7715 Datasheet
1Mb / 167P
262K Color Single-Chip TFT Controller/Driver
More results


Similar Description - ST7712

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7713 SITRONIX-ST7713 Datasheet
2Mb / 159P
262K Color Single-Chip TFT Controller/Driver
ST7715 SITRONIX-ST7715 Datasheet
1Mb / 167P
262K Color Single-Chip TFT Controller/Driver
ST7732 SITRONIX-ST7732 Datasheet
2Mb / 168P
262K Color Single-Chip TFT Controller/Driver
ST7735 SITRONIX-ST7735 Datasheet
1Mb / 166P
262K Color Single-Chip TFT Controller/Driver
ST7773 SITRONIX-ST7773 Datasheet
2Mb / 128P
262K Color Single-Chip TFT Controller/Driver
ST7781 SITRONIX-ST7781 Datasheet
1Mb / 88P
262K Color Single - Chip TFT Controller/Driver
ST7787 SITRONIX-ST7787 Datasheet
2Mb / 217P
262K Color Single-Chip TFT Controller/Driver
ST7789H2 SITRONIX-ST7789H2 Datasheet
3Mb / 314P
single-chip controller/driver for 262K-color, graphic type TFT-LCD
ST7735R SITRONIX-ST7735R Datasheet
2Mb / 164P
262K Color Single-Chip TFT Controller/Driver
ST7735S SITRONIX-ST7735S Datasheet
2Mb / 201P
132RGB x 162dot 262K Color with Frame Memory Single-Chip TFT Controller/Driver
Version 1.1 2011/11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com