Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS8117ADTX-3.3 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LMS8117ADTX-3.3 Datasheet PDF - National Semiconductor (TI)
Part # LMS8117ADTX-3.3
Download  LMS8117ADTX-3.3 Download
File Size   330.58 Kbytes
Page   16 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 1A Low-Dropout Linear Regulator

LMS8117ADTX-3.3 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMS8117ADTX-3.3 Datasheet PDF - National Semiconductor (TI)

Part # LMS8117ADTX-3.3
Download  LMS8117ADTX-3.3 Click to download

File Size   330.58 Kbytes
Page   16 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 1A Low-Dropout Linear Regulator

LMS8117ADTX-3.3 Datasheet (HTML) - National Semiconductor (TI)


LMS8117ADTX-3.3 Product details

General Description
The LMS8117 is a series of low dropout voltage regulators
with a dropout of 1.2V at 1A of load current. It has the same
pin-out as National Semiconductor’s industry standard
LM317.
The LMS8117 is available in an adjustable version, which
can set the output voltage from 1.25V to 13.8V with only two
external resistors. In addition, it is also available in two fixed
voltages, 1.8V and 3.3V.
The LMS8117 offers current limiting and thermal shutdown.
Its circuit includes a zener trimmed bandgap reference to assure output voltage accuracy to within ±1%.
The LMS8117 series is available in SOT-223 and TO-252
D-PAK packages. A minimum of 10µF tantalum capacitor is
required at the output to improve the transient response and
stability.

Features
n Available in 1.8V, 3.3V, and Adjustable Versions
n Space Saving SOT-223 and TO-252 Packages
n Current Limiting and Thermal Protection
n Output Current 1A
n Temperature Range 0˚C to 125˚C
n Line Regulation 0.2% (Max)
n Load Regulation 0.4% (Max)

Applications
n Post Regulator for Switching DC/DC Converter
n High Efficiency Linear Regulators
n Battery Charger
n Battery Powered Instrumentation




Similar Part No. - LMS8117ADTX-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS8117ADTX-3.3 NSC-LMS8117ADTX-3.3 Datasheet
777Kb / 16P
1A Low-Dropout Linear Regulator
logo
Texas Instruments
LMS8117ADTX-3.3/NOPB TI-LMS8117ADTX-3.3/NOPB Datasheet
758Kb / 18P
1A Low-Dropout Linear Regulator
More results


Similar Description - LMS8117ADTX-3.3

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
1A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
1A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ1117 DIODES-AZ1117 Datasheet
554Kb / 32P
1A LOW DROPOUT LINEAR REGULATOR
Rev 4
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com