Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2218 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP2218 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP2218
Download  AP2218 Download
File Size   156.65 Kbytes
Page   13 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 1A LOW DROPOUT LINEAR REGULATOR

AP2218 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2218 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP2218
Download  AP2218 Click to download

File Size   156.65 Kbytes
Page   13 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 1A LOW DROPOUT LINEAR REGULATOR

AP2218 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP2218 Product details

General Description
The AP2218 is a low dropout linear regulator with a typical dropout of 300mV at 1A output current.
   
Features
• Minimum Guaranteed Output Current: 1A
• Dropout Voltage at IOUT=1A: 300mV
• Output Accuracy: ± 1%
• Low Ground Current
• Internal Current Limit and Thermal Protection
• Reversed-battery and Reversed-lead Insertion
    Protection
• Fast Transient Response
   
Applications
• Power Module
• Set Top Box
• LCD TV
• PDP TV
• Cordless Phone
   




Similar Part No. - AP2218

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2210 BCDSEMI-AP2210 Datasheet
204Kb / 22P
300mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2210 DIODES-AP2210 Datasheet
715Kb / 30P
300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
logo
BCD Semiconductor Manuf...
AP2210K-2.5TR BCDSEMI-AP2210K-2.5TR Datasheet
204Kb / 22P
300mA RF ULDO REGULATOR
AP2210K-2.5TRE1 BCDSEMI-AP2210K-2.5TRE1 Datasheet
204Kb / 22P
300mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2210K-2.5TRE1 DIODES-AP2210K-2.5TRE1 Datasheet
715Kb / 30P
300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
More results


Similar Description - AP2218

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
1A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
1A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ1117 DIODES-AZ1117 Datasheet
554Kb / 32P
1A LOW DROPOUT LINEAR REGULATOR
Rev 4
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
1A Low-Dropout Linear Regulator
July 2000
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
1A LOW DROPOUT LINEAR REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com