Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-GLA001V1 Datasheet (PDF) - STMicroelectronics

STEVAL-GLA001V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-GLA001V1
Download  STEVAL-GLA001V1 Download
File Size   3595.08 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Triac and AC switch insulated control evaluation board

STEVAL-GLA001V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-GLA001V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-GLA001V1
Download  STEVAL-GLA001V1 Click to download

File Size   3595.08 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Triac and AC switch insulated control evaluation board

STEVAL-GLA001V1 Datasheet (HTML) - STMicroelectronics


STEVAL-GLA001V1 Product details

Description
The STEVAL-GLA001V1 evaluation board allows insulated control of three AC loads up to 1 kW (230 Vrms) with Triacs and AC switches (instead of relay solutions), particularly suitable for residential appliances. The board must be controlled with an STM32 microcontroller embedded on an NUCLEO-F030R8 STM 32 Nucleo development board, or other microcontroller supplied by the user. If you are using an STM32 Nucleo development board, three AC switch control modes are available for load control: continuous or pulse gate current, timer option and phase control. The STSW-GLA001V1 firmware is available for free download and easily programmable through a PC interface on a USB bus. The main parameters can be adjusted through a common interface like HyperTerminal, without needing to edit the MCU firmware. The hardware is designed to offer a wide input voltage range, low standby power losses, IEC61000-4-4 robustness and two low voltage power supplies. Product summary Insulated AC switch control evaluation board for home appliances STEVALGLA001V1 AC switch control evaluation firmware STSWGLA001V1 Overvoltage protected AC switch (ACS™) ACS108-8TN Overvoltage protected AC switch ACST310-8B 16 A Snubberless Triac T1635T-8FP Triac and AC switch insulated control evaluation board STEVAL-GLA001V1 Data brief DB3422 - Rev 2 - February 2019 For further information contact your local STMicroelectronics sales office.

Features
■ Insulated control of three different AC switches used to drive AC loads up to 1 kW (230 Vrms) for residential appliances
■ Interface with STM32 Nucleo-64 development board
■ Three control modes available thanks to STM32 Nucleo-64 firmware (continuous or pulse gate current, timer option and phase control)
■ Easy to configure through user-friendly interface
■ Compatible with any external microcontroller
■ Input voltage range: 90 VAC to 265 VAC 50 / 60 Hz
■ Operating temperature: 0 °C to 60 °C
■ 5 V and 3.3 V insulated power supply
■ Low standby power losses (< 300 mW)
■ Criteria A @ 2 kV IEC 61000-4-4
■ Criteria B @ 4 kV IEC 61000-4-4
■ RoHS compliant




Similar Part No. - STEVAL-GLA001V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-2STPD01 STMICROELECTRONICS-STEVAL-2STPD01 Datasheet
1Mb / 27P
USB Type-C™ protection for source application
17-May-2022
STEVAL-3DP001V1 STMICROELECTRONICS-STEVAL-3DP001V1 Datasheet
482Kb / 11P
Discovery board for 3D printer including 6-axis stepper motor driver based on the L6474H
02-May-2017
STEVAL-56G3MAI STMICROELECTRONICS-STEVAL-56G3MAI Datasheet
804Kb / 5P
VD56G3 S-Board: Hardware MIPI CSI-2 kit for the evaluation and integration of VD56G3 image sensor
17-Jun-2024
STEVAL-66GYMAI STMICROELECTRONICS-STEVAL-66GYMAI Datasheet
805Kb / 5P
VD66GY S-Board: Hardware MIPI CSI-2 kit for the evaluation and integration of VD66GY image sensor
17-Jun-2024
STEVAL-A6986IV1 STMICROELECTRONICS-STEVAL-A6986IV1 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with dual isolated output based on the A6986I
08-Mar-2021
More results


Similar Description - STEVAL-GLA001V1

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
ACTT4S-800E WEEN-ACTT4S-800E Datasheet
272Kb / 13P
AC Thyristor Triac power switch
ACTT4X-800C WEEN-ACTT4X-800C Datasheet
245Kb / 14P
AC Thyristor Triac power switch
ACTT6-800E WEEN-ACTT6-800E Datasheet
210Kb / 14P
AC Thyristor Triac power switch
ACTT8-800C0 WEEN-ACTT8-800C0 Datasheet
202Kb / 13P
AC Thyristor Triac power switch
ACTT8B-800C0 WEEN-ACTT8B-800C0 Datasheet
498Kb / 13P
AC Thyristor Triac power switch
ACTT8X-800C0 WEEN-ACTT8X-800C0 Datasheet
238Kb / 13P
AC Thyristor Triac power switch
ACTT10-800CT WEEN-ACTT10-800CT Datasheet
200Kb / 13P
AC Thyristor Triac power switch
ACTT10X-800CT WEEN-ACTT10X-800CT Datasheet
233Kb / 13P
AC Thyristor Triac power switch
ACTT12-800C WEEN-ACTT12-800C Datasheet
201Kb / 13P
AC Thyristor Triac power switch
ACTT12-800CT WEEN-ACTT12-800CT Datasheet
201Kb / 13P
AC Thyristor Triac power switch
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com