Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-56G3MAI Datasheet (PDF) - STMicroelectronics

STEVAL-56G3MAI Datasheet PDF - STMicroelectronics
Part # STEVAL-56G3MAI
Download  STEVAL-56G3MAI Download
File Size   804.92 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VD56G3 S-Board: Hardware MIPI CSI-2 kit for the evaluation and integration of VD56G3 image sensor

STEVAL-56G3MAI Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-56G3MAI Datasheet PDF - STMicroelectronics

Part # STEVAL-56G3MAI
Download  STEVAL-56G3MAI Click to download

File Size   804.92 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description VD56G3 S-Board: Hardware MIPI CSI-2 kit for the evaluation and integration of VD56G3 image sensor

STEVAL-56G3MAI Datasheet (HTML) - STMicroelectronics


STEVAL-56G3MAI Product details

Features
• Comprehensive hardware kit including:
– Sensor board that embeds VD56G3 image sensor with FFC output
connector.
– M12 lens holder screwed on the board.
– Default nonglued lens that user can focus according to their needs or
replace by another compatible lens.
– Ribbon cable to connect directly to embedded processing boards.
• Highly versatile kit:
– Flexibility to focus the provided nonglued lens to your needs.
– Flexibility to replace the default lens by any other M12 or smaller lens.
– Flexibility to use it on embedded processing platforms as is, or on
computers when connected to the EVK Main kit from ST.
• Instant integration onto embedded processing platforms:
– Native MIPI CSI-2 output and I²C communication interfaces.
– FFC connector and associated cable provided for direct plug-and-play
connection to the platform.
– Various Linux drivers are available for free download on st.com to make
software integration instant.
• Ready for sensor evaluation on PC:
– Connect the VD56G3 S-Board kit to the generic EVK Main to turn it into
a USB solution for PC-based evaluation.
– Evaluation software GUI for PC is available for free download on st.com.




Similar Part No. - STEVAL-56G3MAI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-2STPD01 STMICROELECTRONICS-STEVAL-2STPD01 Datasheet
1Mb / 27P
USB Type-C™ protection for source application
17-May-2022
STEVAL-3DP001V1 STMICROELECTRONICS-STEVAL-3DP001V1 Datasheet
482Kb / 11P
Discovery board for 3D printer including 6-axis stepper motor driver based on the L6474H
02-May-2017
STEVAL-66GYMAI STMICROELECTRONICS-STEVAL-66GYMAI Datasheet
805Kb / 5P
VD66GY S-Board: Hardware MIPI CSI-2 kit for the evaluation and integration of VD66GY image sensor
17-Jun-2024
STEVAL-A6986IV1 STMICROELECTRONICS-STEVAL-A6986IV1 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with dual isolated output based on the A6986I
08-Mar-2021
STEVAL-A6986IV2 STMICROELECTRONICS-STEVAL-A6986IV2 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with single isolated output based on the A6986I
08-Mar-2021
More results


Similar Description - STEVAL-56G3MAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3678EVKIT MAXIM-MAX3678EVKIT Datasheet
78Kb / 1P
Evaluation Kit for the MAX3678
11/9/2009
MAX15034BEVKIT MAXIM-MAX15034BEVKIT Datasheet
80Kb / 1P
Evaluation Kit for the MAX15034B and MAX5066
11/10/2009
logo
Toshiba Semiconductor
TC358743 TOSHIBA-TC358743 Datasheet
194Kb / 3P
HDMI video and audio streams into MIPI CSI-2 data to enable Application Processors with MIPI CSI-2
logo
Texas Instruments
DS90UB953-Q1 TI1-DS90UB953-Q1 Datasheet
136Kb / 7P
MIPI CSI-2 FPD-Link III Serializer
logo
ON Semiconductor
AM305222R1DBGEVB ONSEMI-AM305222R1DBGEVB Datasheet
148Kb / 1P
Bill of Materials for the AM305222R1DBGEVB Evaluation Board
AM306245R2MMGEVB ONSEMI-AM306245R2MMGEVB Datasheet
159Kb / 1P
Bill of Materials for the AM306245R2MMGEVB Evaluation Board
2/16/2010
logo
Maxim Integrated Produc...
MAX9288 MAXIM-MAX9288 Datasheet
2Mb / 103P
3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
Rev 4; 3/18
MAX9288 MAXIM-MAX9288_V01 Datasheet
2Mb / 103P
3.12Gbps GMSL Deserializers for Coax or STP Input and MIPI CSI-2 Output
2019
logo
Diodes Incorporated
PI2MEQX2505 DIODES-PI2MEQX2505 Datasheet
1Mb / 17P
MIPI CSI-2/DSI D-PHY ReDriver
Rev 2 - 2 February 2022
logo
Analog Devices
EVAL-ADA4571-2 AD-EVAL-ADA4571-2 Datasheet
443Kb / 9P
Evaluation Board for the ADA4571-2 Integrated AMR Angle Sensor and Signal Conditioner
Rev. 0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com