Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20393 Datasheet (PDF) - Vicor Corporation

20393 Datasheet PDF - Vicor Corporation
Part # 20393
Download  20393 Download
File Size   64.46 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description HEARSINK, LOW PROFILE 3.40W X 2.28LG (MINI)

20393 Datasheet (PDF)

Go To PDF Page Download Datasheet
20393 Datasheet PDF - Vicor Corporation

Part # 20393
Download  20393 Click to download

File Size   64.46 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description HEARSINK, LOW PROFILE 3.40W X 2.28LG (MINI)

20393 Datasheet (HTML) - Vicor Corporation




Similar Part No. - 20393

ManufacturerPart #DatasheetDescription
logo
SICK AG
2039302 SICK-2039302 Datasheet
602Kb / 9P
S300 Mini
2024-04-25 15:36:22
2039303 SICK-2039303 Datasheet
602Kb / 9P
S300 Mini
2024-04-25 15:36:22
More results


Similar Description - 20393

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
04431 VICOR-04431 Datasheet
49Kb / 1P
HEARSINK 70 INCH HGT VERT
20392 VICOR-20392 Datasheet
57Kb / 1P
HEARSINK, LOW PROFILE 2.65W X 2.28LG (MICRO)
20394 VICOR-20394 Datasheet
60Kb / 1P
HEATSINK, LOW PROFILE 3.40W X 4360LG (MAXI)
logo
Abracon Corporation
ABM7 ABRACON-ABM7 Datasheet
80Kb / 1P
MINI LOW PROFILE CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTALS
logo
Coilcraft lnc.
1508-5N5-L COILCRAFT-1508-5N5-L Datasheet
221Kb / 2P
Low Profile Mini Spring??Inductors
logo
Dubilier
DBCRJ45S88B DUBILIER-DBCRJ45S88B Datasheet
110Kb / 1P
NETWORKING SOCKETS MODULAR SOCKET - MINI LOW PROFILE
logo
Coilcraft lnc.
1508-5N5GLC COILCRAFT-1508-5N5GLC_15 Datasheet
392Kb / 2P
Low Profile Mini Spring??Inductors
logo
AAEON Technology
TKS-EMB-LP AAEON-TKS-EMB-LP Datasheet
1Mb / 2P
Compact Low Profile Mini-ITX System
logo
Advantech Co., Ltd.
AIMB-T1000 ADVANTECH-AIMB-T1000 Datasheet
1,010Kb / 2P
Mini Embedded Chassis for Low Profile mini-ITX AIMB
logo
Murata Manufacturing Co...
DLP11TB800UL2 MURATA1-DLP11TB800UL2_V01 Datasheet
309Kb / 3P
Small and low profile of 1.25 x 1.0mm x 0.3mm.
Last updated08/01/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com