Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20394 Datasheet (PDF) - Vicor Corporation

20394 Datasheet PDF - Vicor Corporation
Part # 20394
Download  20394 Download
File Size   60.26 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description HEATSINK, LOW PROFILE 3.40W X 4360LG (MAXI)

20394 Datasheet (PDF)

Go To PDF Page Download Datasheet
20394 Datasheet PDF - Vicor Corporation

Part # 20394
Download  20394 Click to download

File Size   60.26 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description HEATSINK, LOW PROFILE 3.40W X 4360LG (MAXI)

20394 Datasheet (HTML) - Vicor Corporation




Similar Part No. - 20394

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2039 ETC2-2039 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
logo
XFMRS Inc.
2039 XFMRS-2039 Datasheet
29Kb / 1P
DUAL FIBRE CHANNEL TRANSFORMERS
logo
Heyco.
2039 HEYCO-2039 Datasheet
133Kb / 1P
Snap Bushings
logo
Belden Inc.
2039 BELDEN-2039 Datasheet
528Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset: Male straight D-coded
02-03-2025
logo
Adafruit Industries
2039 ADAFRUIT-2039 Datasheet
123Kb / 2P
16x8 1.2" LED Matrix Backpack - Ultra Bright Round Blue LEDs
5-5-17
More results


Similar Description - 20394

ManufacturerPart #DatasheetDescription
logo
Littelfuse
152001 LITTELFUSE-152001 Datasheet
103Kb / 1P
MAXI Fuse In-Line Fuseholder
logo
Vicor Corporation
20393 VICOR-20393 Datasheet
64Kb / 1P
HEARSINK, LOW PROFILE 3.40W X 2.28LG (MINI)
21314 VICOR-21314 Datasheet
64Kb / 1P
MODULE SHIELD MAXI
logo
Littelfuse
0299020 LITTELFUSE-0299020 Datasheet
205Kb / 2P
MAXI Blade Fuse Rated 32V
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
Maxi Universal Adapter Kit
logo
Littelfuse
00970026XP LITTELFUSE-00970026XP Datasheet
169Kb / 1P
maxi fuse puller
logo
AVX Corporation
GD10 AVX-GD10 Datasheet
105Kb / 1P
Microwave SLCs ULTRA MAXI Series
logo
Infineon Technologies A...
IM818-SCC INFINEON-IM818-SCC Datasheet
1Mb / 21P
CIPOS??Maxi IM818
V2.3 2020-03-13
IM818-LCC INFINEON-IM818-LCC Datasheet
1Mb / 22P
CIPOS??Maxi IM818
2021-02-03 revision:2.0
IM828-XCC INFINEON-IM828-XCC Datasheet
1Mb / 23P
CIPOS??Maxi IM828
2020-09-03 revision:2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com