Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20688 Datasheet (PDF) - Vicor Corporation

20688 Datasheet PDF - Vicor Corporation
Part # 20688
Download  20688 Download
File Size   75.91 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CONNECTOR HSG, 2 PIN, 19A, 600V UNIVERSAL PLUG

20688 Datasheet (PDF)

Go To PDF Page Download Datasheet
20688 Datasheet PDF - Vicor Corporation

Part # 20688
Download  20688 Click to download

File Size   75.91 Kbytes
Page   1 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description CONNECTOR HSG, 2 PIN, 19A, 600V UNIVERSAL PLUG

20688 Datasheet (HTML) - Vicor Corporation




Similar Part No. - 20688

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
20688 ATOM-20688 Datasheet
124Kb / 2P
AT9228 Assembly
31st of January 2025 06:54:37
logo
SICK AG
2068813 SICK-2068813 Datasheet
215Kb / 4P
MIRROR COLUMNS AND DEVICE COLUMNS
logo
Tyco Electronics
206887-1 MACOM-206887-1 Datasheet
52Kb / 1P
Size 22 Contacts - Pin Diameter
More results


Similar Description - 20688

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
155-1370 GILWAY-155-1370 Datasheet
77Kb / 1P
1600-19A-K1
logo
Vicor Corporation
20687 VICOR-20687 Datasheet
78Kb / 1P
CONNECTOR HSG, 3PIN, 19A, 600V UNIVERSAL PLUG
logo
STMicroelectronics
STGP19NC60W STMICROELECTRONICS-STGP19NC60W Datasheet
300Kb / 13P
N-channel 600V - 19A - TO-220 Ultra fast PowerMESH IGBT
08-May-2007
logo
Molex Electronics Ltd.
5024390400_SD MOLEX-5024390400_SD Datasheet
98Kb / 1P
2.0 W/B CONN. SINGLE PLUG HSG
logo
Tyco Electronics
350777 MACOM-350777 Datasheet
108Kb / 1P
PLUG, 2 CIRCUIT UNIVERSAL MATE-N-LOK
logo
Molex Electronics Ltd.
SD-502439-002 MOLEX5-SD-502439-002 Datasheet
98Kb / 1P
2.0 W/B CONN, SINGLE PLUG HSG
logo
Tyco Electronics
174046-2 MACOM-174046-2 Datasheet
45Kb / 1P
16 POS. PLUG HSG .040 SERIES MULTI-LOCK CONNECTOR
175442-6 MACOM-175442-6 Datasheet
108Kb / 1P
HYBRID PLUG HSG 12P GRAY
logo
Renesas Technology Corp
RJL6015DPK RENESAS-RJL6015DPK_15 Datasheet
84Kb / 7P
600V - 19A - MOS FET High Speed Power Switching
logo
TE Connectivity Ltd
2325106 TEC-2325106 Datasheet
1Mb / 5P
ADAPTER,2POS,1.2X0.6,PIN HSG ASSY enetSEAL
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com