Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175442-6 Datasheet (PDF) - Tyco Electronics

175442-6 Datasheet PDF - Tyco Electronics
Part # 175442-6
Download  175442-6 Download
File Size   108.29 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description HYBRID PLUG HSG 12P GRAY

175442-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
175442-6 Datasheet PDF - Tyco Electronics

Part # 175442-6
Download  175442-6 Click to download

File Size   108.29 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description HYBRID PLUG HSG 12P GRAY

175442-6 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 175442-6

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1754420000 WEIDMULLER-1754420000 Datasheet
614Kb / 5P
SL 5.08HC/02/90B 3.2SN BL BX
More results


Similar Description - 175442-6

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
20687 VICOR-20687 Datasheet
78Kb / 1P
CONNECTOR HSG, 3PIN, 19A, 600V UNIVERSAL PLUG
20688 VICOR-20688 Datasheet
75Kb / 1P
CONNECTOR HSG, 2 PIN, 19A, 600V UNIVERSAL PLUG
logo
Ferroxcube Internationa...
CSV-RM10-2S-12P FERROXCUBE-CSV-RM10-2S-12P Datasheet
83Kb / 1P
CSV-RM10-2S-12P
logo
Molex Electronics Ltd.
10-01-5042 MOLEX11-10-01-5042 Datasheet
69Kb / 1P
KK5.08 REC HSG
logo
PHOENIX CONTACT
0201647 PHOENIX-0201647 Datasheet
46Kb / 2P
Reducing plug, Color: gray
logo
Molex Electronics Ltd.
5024390400_SD MOLEX-5024390400_SD Datasheet
98Kb / 1P
2.0 W/B CONN. SINGLE PLUG HSG
SD-502439-002 MOLEX5-SD-502439-002 Datasheet
98Kb / 1P
2.0 W/B CONN, SINGLE PLUG HSG
logo
Tyco Electronics
174046-2 MACOM-174046-2 Datasheet
45Kb / 1P
16 POS. PLUG HSG .040 SERIES MULTI-LOCK CONNECTOR
logo
Molex Electronics Ltd.
98825-1068 MOLEX11-98825-1068 Datasheet
46Kb / 1P
NSCC, Pin Connector Hybrid, Unsealed, 6 Circuits, Gray
logo
Amphenol Communications...
10160855 AMPHENOLCS-10160855 Datasheet
213Kb / 2P
MINITEK PWR 3.0 BMI DUAL ROW PLUG HSG
Rev. B
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com