Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2786 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2786 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM2786
Download  HM2786 Download
File Size   365.64 Kbytes
Page   8 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description non-inductance AC input linear regulator

HM2786 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM2786 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2786
Download  HM2786 Click to download

File Size   365.64 Kbytes
Page   8 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description non-inductance AC input linear regulator

HM2786 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM2786 Product details

Product Description
HM2786 is an off-line linear regulator with a compact non-inductor design. HM2786 can provide two sets of outputs The VOUT output voltage has been internally set to 5V/3.3V/2.7V. At the same time, VOUT1 A set of 0.66×VOUT output voltage can be provided. HM2786 is a simple and reliable way to obtain bias power supply Offline power solution.
HM2786 integrates 650V power MOSFET, start control circuit, VDD voltage control circuit, AC signal No. synchronous detection circuit, low dropout voltage regulator, etc. The chip intelligently controls the AC energy input to reduce the system System loss, improve system efficiency, and effectively reduce system standby at the same time. HM2786 integrates complete protection functions with self-recovery function: VDD under-voltage protection, VDD over-voltage protection, Output overload protection, output undervoltage protection, lightning surge protection and built-in over-temperature protection, etc.

main feature
● High output voltage accuracy: 2%
● It can provide two sets of output voltage at the same time
● Internal setting of output voltage
● Optimize control methods to improve efficiency
● Wide input voltage range: 80~305V AC
● No power inductor required
● No need to input high voltage capacitor
● Few components and low cost
● Fast dynamic response
● Output short circuit protection
● Output undervoltage protection
● Output overload protection
● Built-in overheat protection
● Package type SOP-8, DIP-8




Similar Part No. - HM2786

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2786A HMSEMI-HM2786A Datasheet
393Kb / 8P
non-inductance AC input linear regulator
More results


Similar Description - HM2786

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAR001 FAIRCHILD-FSAR001 Datasheet
498Kb / 12P
AC-DC Linear Regulator
logo
Monolithic Power System...
MP2002 MPS-MP2002 Datasheet
368Kb / 11P
Low Input Voltage 500mA Linear Regulator
logo
List of Unclassifed Man...
TS31023 ETC2-TS31023 Datasheet
1Mb / 16P
High Input Voltage Linear Regulator
TS31223 ETC2-TS31223 Datasheet
1Mb / 16P
High Input Voltage Linear Regulator
logo
ACE Technology Co., LTD...
ACE522 ACE-ACE522 Datasheet
400Kb / 9P
36V Input Linear Regulator
VER 1.1
logo
Semtech Corporation
TS31023 SEMTECH-TS31023 Datasheet
2Mb / 15P
High Input Voltage Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7530HB HMSEMI-HM7530HB Datasheet
194Kb / 2P
High Input Micropower Linear Regulator
HM7533HB HMSEMI-HM7533HB Datasheet
233Kb / 2P
High Input Micropower Linear Regulator
HM7550HB HMSEMI-HM7550HB Datasheet
222Kb / 2P
High Input Micropower Linear Regulator
HM2786A HMSEMI-HM2786A Datasheet
393Kb / 8P
non-inductance AC input linear regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com