Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS473-PQTP Datasheet (PDF) - Microchip Technology

HCS473-PQTP Datasheet PDF - Microchip Technology
Part # HCS473-PQTP
Download  HCS473-PQTP Download
File Size   1629.95 Kbytes
Page   68 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Code Hopping Encoder and Transponder

HCS473-PQTP Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS473-PQTP Datasheet PDF - Microchip Technology

Part # HCS473-PQTP
Download  HCS473-PQTP Click to download

File Size   1629.95 Kbytes
Page   68 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Code Hopping Encoder and Transponder

HCS473-PQTP Datasheet (HTML) - Microchip Technology


HCS473-PQTP Product details

GENERAL DESCRIPTION

The HCS473 combines the patented KEELOQ code hopping technology and bi-directional transponder challenge-and-response security into a single chip solution for logical and physical access control.

The three-input transponder interface allows the combination of three orthogonal transponder antennas, eliminating the directionality associated with traditional single antenna transponder systems.



FEATURES

Encoder Security

• Read protected 64-bit encoder key

• 69-bit transmission length

• 60-bit, read protected seed for secure learning

• Programmable 32-bit serial number

• Non-volatile 16/20-bit synchronization counter



Encoder Operation

• 2.05V to 5.5V operation

• Four switch inputs – up to 15 functions codes

• PWM or Manchester modulation

• Selectable Baud Rate (416 - 5,000 bps)

• Transmissions include button queuing information

• PLL interface



Transponder Security

• 2 read protected 64-bit Challenge/Response keys

• Two IFF encryption algorithms

• 16/32-bit Challenge/Response

• Separate Vehicle ID and Token ID

• 2 vehicles supported

• CRC on all communication



Transponder Operation

• Three sensitive transponder inputs

• Bi-directional transponder communication

• Transponder in/RF out operation

• Anticollision of multiple transponders

• Intelligent damping for high Q-factor LC-circuits

• Low battery operation

• Passive proximity activation

• 64-bit secure user EEPROM

• Fast reaction time



Peripherals

• Low Voltage Detector

• On-board RC oscillator with ±10% variation



Typical Applications

• Passive entry systems

• Automotive remote entry systems

• Automotive alarm systems

• Automotive immobilizers

• Gate and garage openers

• Electronic door locks (Home/Office/Hotel)

• Burglar alarm systems

• Proximity access control

• Passive proximity authentication



 




Similar Part No. - HCS473-PQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS473 MICROCHIP-HCS473_13 Datasheet
1Mb / 68P
KEELOQ짰 3-Axis Transcoder
2000-2013
More results


Similar Description - HCS473-PQTP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS410 MICROCHIP-HCS410 Datasheet
259Kb / 36P
KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
1997 - 1998
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
KEELOQ Code Hopping Encoder
2001
HCS412 MICROCHIP-HCS412 Datasheet
704Kb / 44P
KEELOQ Code Hopping Encoder and Transponder
2002
HCS370 MICROCHIP-HCS370 Datasheet
518Kb / 36P
KEELOQ Code Hopping Encoder
2002
HCS410 MICROCHIP-HCS410_01 Datasheet
481Kb / 36P
KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS360 MICROCHIP-HCS360_01 Datasheet
421Kb / 28P
KEELOQ짰 Code Hopping Encoder
2001
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS412 MICROCHIP-HCS412_11 Datasheet
1Mb / 52P
KEELOQ짰 Code Hopping Encoder and Transponder Burglar alarm systems
2011
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
KEELOQ Code Hopping Encoder
01/18/02
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com