Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS410 Datasheet (PDF) - Microchip Technology

HCS410 Datasheet PDF - Microchip Technology
Part # HCS410
Download  HCS410 Download
File Size   259.73 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description KEELOQ CODE HOPPING ENCODER AND TRANSPONDER

HCS410 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS410 Datasheet PDF - Microchip Technology

Part # HCS410
Download  HCS410 Click to download

File Size   259.73 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description KEELOQ CODE HOPPING ENCODER AND TRANSPONDER

HCS410 Datasheet (HTML) - Microchip Technology


HCS410 Product details

DESCRIPTION

The HCS410 is a code hopping transponder device designed for secure entry systems. The HCS410 utilizes the patented KEELOQ® code hopping system and bi-directional challenge-and-response for logical and physical access control. High security learning mechanisms make this a turnkey solution when used with the KEELOQdecoders. The encoder keys and synchronization information are stored in protected on-chip EEPROM.



FEATURES

Security

• Two programmable 64-bit encoder keys

• 16/32-bit bi-directional challenge and response using one of two keys

• 69-bit transmission length

• 32-bit unidirectional code hopping, 37-bit non-encrypted portion

• Encoder keys are read protected

• Programmable 28/32-bit serial number

• 60/64-bit, read-protected seed for secure learning

• Three IFF encryption algorithms

• Delayed increment mechanism

• Asynchronous transponder communication

• Queuing information transmitted



Operating

• 2.0V - 6.6V operation, 13V encoder only operation

• Three switch inputs [S2, S1, S0]—seven functions

• Batteryless bi-directional transponder

• Selectable baud rate and code word blanking

• Automatic code word completion

• Battery low signal transmitted

• Non-volatile synchronization

• PWM or Manchester RF encoding

• Combined transmitter, transponder operation

• Anti-collision of multiple transponders

• Passive proximity activation

• Device protected against reverse battery

• Intelligent damping for high Q LC-circuits



Other

• 37-bit nonencrypted part contains 28/32-bit serial number, 4/0-bit function code, 1-bit battery low, 2-bit CRC, 2-bit queue

• Simple programming interface

• On-chip tunable RC oscillator (±10%)

• On-chip EEPROM

• 64-bit user EEPROM in transponder mode

• Battery-low LED indication

• SQTP serialization quick-time programming

• 8-pin PDIP/SOIC/TSSOP and die



Typical Applications

• Automotive remote entry systems

• Automotive alarm systems

• Automotive immobilizers

• Gate and garage openers

• Electronic door locks (Home/Office/Hotel)

• Burglar alarm systems

• Proximity access control




Similar Part No. - HCS410

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS410 MICROCHIP-HCS410 Datasheet
395Kb / 28P
Memory Programming Specification
2004
HCS410 MICROCHIP-HCS410 Datasheet
481Kb / 36P
KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS410 MICROCHIP-HCS410 Datasheet
1Mb / 46P
KEELOQ짰 Code Hopping Encoder and Transponder 2-bit CRC, 2-bit queue
2011
HCS410-IP MICROCHIP-HCS410-IP Datasheet
481Kb / 36P
KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS410-ISN MICROCHIP-HCS410-ISN Datasheet
481Kb / 36P
KEELOQ짰 Code Hopping Encoder and Transponder
2001
More results


Similar Description - HCS410

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS200 MICROCHIP-HCS200 Datasheet
150Kb / 16P
KEELOQ CODE HOPPING ENCODER
1996
HCS301 MICROCHIP-HCS301 Datasheet
168Kb / 20P
KEELOQ CODE HOPPING ENCODER
1996
HCS360 MICROCHIP-HCS360 Datasheet
211Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996-1997
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS201 MICROCHIP-HCS201 Datasheet
383Kb / 28P
KEELOQ Code Hopping Encoder
2001
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
KEELOQ Code Hopping Encoder
2001
HCS412 MICROCHIP-HCS412 Datasheet
704Kb / 44P
KEELOQ Code Hopping Encoder and Transponder
2002
HCS370 MICROCHIP-HCS370 Datasheet
518Kb / 36P
KEELOQ Code Hopping Encoder
2002
HCS365 MICROCHIP-HCS365 Datasheet
463Kb / 34P
KEELOQ Code Hopping Encoder
2002
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
KEELOQ Code Hopping Encoder
01/18/02
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com