Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS360 Datasheet (PDF) - Microchip Technology

HCS360 Datasheet PDF - Microchip Technology
Part # HCS360
Download  HCS360 Download
File Size   211.75 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description KEELOQ CODE HOPPING ENCODER

HCS360 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS360 Datasheet PDF - Microchip Technology

Part # HCS360
Download  HCS360 Click to download

File Size   211.75 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description KEELOQ CODE HOPPING ENCODER

HCS360 Datasheet (HTML) - Microchip Technology


HCS360 Product details

DESCRIPTION

The HCS360 is a code hopping encoder designed for secure Remote Keyless Entry (RKE) systems. The HCS360 utilizes the KEELOQ® code hopping technol ogy, which incorporates high security, a small package outline and low cost, to make this device a perfect solution for unidirectional remote keyless entry systems and access control systems.



FEATURES

Security

• Programmable 28/32-bit serial number

• Programmable 64-bit encryption key

• Each transmission is unique

• 67-bit transmission code length

• 32-bit hopping code

• 35-bit fixed code (28/32-bit serial number, 4/0-bit function code, 1-bit status, 2-bit CRC)

• Encryption keys are read protected



Operating

• 2.0-6.6V operation

• Four button inputs

- 15 functions available

• Selectable baud rate

• Automatic code word completion

• Battery low signal transmitted to receiver

• Nonvolatile synchronization data

• PWM and Manchester modulation



Other

• Easy-to-use programming interface

• On-chip EEPROM

• On-chip oscillator and timing components

• Button inputs have internal pull-down resistors

• Current limiting on LED output

• Minimum component count



Enhanced Features Over HCS300

• 48-bit seed vs. 32-bit seed

• 2-bit CRC for error detection

• 28/32-bit serial number select

• Two seed transmission methods

• PWM and Manchester modulation

• IR Modulation mode



Typical Applications

The HCS360 is ideal for Remote Keyless Entry (RKE) applications. These applications include:

• Automotive RKE systems

• Automotive alarm systems

• Automotive immobilizers

• Gate and garage door openers

• Identity tokens

• Burglar alarm systems




Similar Part No. - HCS360

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS360 MICROCHIP-HCS360 Datasheet
395Kb / 28P
Memory Programming Specification
2004
HCS360 MICROCHIP-HCS360 Datasheet
421Kb / 28P
KEELOQ짰 Code Hopping Encoder
2001
HCS360 MICROCHIP-HCS360 Datasheet
800Kb / 40P
KEELOQ짰 Code Hopping Encoder outline and low cost,
2011
HCS360-/P MICROCHIP-HCS360-/P Datasheet
421Kb / 28P
KEELOQ짰 Code Hopping Encoder
2001
HCS360-/SN MICROCHIP-HCS360-/SN Datasheet
421Kb / 28P
KEELOQ짰 Code Hopping Encoder
2001
More results


Similar Description - HCS360

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS200 MICROCHIP-HCS200 Datasheet
150Kb / 16P
KEELOQ CODE HOPPING ENCODER
1996
HCS301 MICROCHIP-HCS301 Datasheet
168Kb / 20P
KEELOQ CODE HOPPING ENCODER
1996
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS500 MICROCHIP-HCS500 Datasheet
356Kb / 24P
KEELOQ CODE HOPPING ENCODER
1997
HCS201 MICROCHIP-HCS201 Datasheet
383Kb / 28P
KEELOQ Code Hopping Encoder
2001
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
KEELOQ Code Hopping Encoder
2001
HCS370 MICROCHIP-HCS370 Datasheet
518Kb / 36P
KEELOQ Code Hopping Encoder
2002
HCS365 MICROCHIP-HCS365 Datasheet
463Kb / 34P
KEELOQ Code Hopping Encoder
2002
HCS200SN MICROCHIP-HCS200SN Datasheet
728Kb / 34P
KEELOQ Code Hopping Encoder
05/02/11
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
KEELOQ Code Hopping Encoder
01/18/02
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com