Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS360 Datasheet(PDF) 1 Page - Microchip Technology

Part # HCS360
Description  KEELOQ CODE HOPPING ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS360 Datasheet(HTML) 1 Page - Microchip Technology

  HCS360 Datasheet HTML 1Page - Microchip Technology HCS360 Datasheet HTML 2Page - Microchip Technology HCS360 Datasheet HTML 3Page - Microchip Technology HCS360 Datasheet HTML 4Page - Microchip Technology HCS360 Datasheet HTML 5Page - Microchip Technology HCS360 Datasheet HTML 6Page - Microchip Technology HCS360 Datasheet HTML 7Page - Microchip Technology HCS360 Datasheet HTML 8Page - Microchip Technology HCS360 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS40152C-page 1
M
Code Hopping Encoder
FEATURES
Security
• Programmable 28/32-bit serial number
• Programmable 64-bit encryption key
• Each transmission is unique
• 67-bit transmission code length
• 32-bit hopping code
• 35-bit fixed code (28/32-bit serial number,
4/0-bit function code, 1-bit status, 2-bit CRC)
• Encryption keys are read protected
Operating
• 2.0-6.6V operation
• Four button inputs
- 15 functions available
• Selectable baud rate
• Automatic code word completion
• Battery low signal transmitted to receiver
• Nonvolatile synchronization data
• PWM and Manchester modulation
Other
• Easy to use programming interface
• On-chip EEPROM
• On-chip oscillator and timing components
• Button inputs have internal pull-down resistors
• Current limiting on LED output
• Minimum component count
Enhanced Features Over HCS300
• 48-bit seed vs. 32-bit seed
• 2-bit CRC for error detection
• 28/32-bit serial number select
• Two seed transmission methods
• PWM and Manchester modulation
• IR modulation mode
Typical Applications
The HCS360 is ideal for Remote Keyless Entry (RKE)
applications. These applications include:
• Automotive RKE systems
• Automotive alarm systems
• Automotive immobilizers
• Gate and garage door openers
• Identity tokens
• Burglar alarm systems
PACKAGE TYPES
HCS360 BLOCK DIAGRAM
DESCRIPTION
The HCS360 is a code hopping encoder designed for
secure Remote Keyless Entry (RKE) systems. The
HCS360 utilizes the KEELOQ code hopping technology,
which incorporates high security, a small package
outline and low cost, to make this device a perfect
solution for unidirectional remote keyless entry systems
and access control systems.
The HCS360 combines a 32-bit hopping code
generated by a nonlinear encryption algorithm, with a
28/32-bit serial number and 7/3 status bits to create a
67-bit
transmission
stream. The
length
of
the
transmission eliminates the threat of code scanning
and the code hopping mechanism makes each
transmission unique, thus rendering code capture and
resend (code grabbing) schemes useless.
1
2
3
4
8
7
6
5
S0
S1
S2
S3
VDD
LED
PWM
VSS
PDIP, SOIC
VSS
VDD
Oscillator
Reset circuit
LED driver
Controller
Power
latching
and
switching
Button input port
32-bit shift register
Encoder
EEPROM
PWM
LED
S3 S2 S1 S0
HCS360
KEELOQ is a registered trademark of Microchip Technology Inc.
*Code hopping encoder patents issued in Europe, U. S. A., R. S. A. — US: 5,517,187; Europe: 0459781


Similar Part No. - HCS360

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS360 MICROCHIP-HCS360 Datasheet
395Kb / 28P
Memory Programming Specification
2004
HCS360 MICROCHIP-HCS360 Datasheet
421Kb / 28P
KEELOQ짰 Code Hopping Encoder
2001
HCS360 MICROCHIP-HCS360 Datasheet
800Kb / 40P
KEELOQ짰 Code Hopping Encoder outline and low cost,
2011
HCS360-/P MICROCHIP-HCS360-/P Datasheet
421Kb / 28P
KEELOQ짰 Code Hopping Encoder
2001
HCS360-/SN MICROCHIP-HCS360-/SN Datasheet
421Kb / 28P
KEELOQ짰 Code Hopping Encoder
2001
More results

Similar Description - HCS360

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS200 MICROCHIP-HCS200 Datasheet
150Kb / 16P
KEELOQ CODE HOPPING ENCODER
1996
HCS301 MICROCHIP-HCS301 Datasheet
168Kb / 20P
KEELOQ CODE HOPPING ENCODER
1996
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS500 MICROCHIP-HCS500 Datasheet
356Kb / 24P
KEELOQ CODE HOPPING ENCODER
1997
HCS201 MICROCHIP-HCS201 Datasheet
383Kb / 28P
KEELOQ Code Hopping Encoder
2001
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
KEELOQ Code Hopping Encoder
2001
HCS370 MICROCHIP-HCS370 Datasheet
518Kb / 36P
KEELOQ Code Hopping Encoder
2002
HCS365 MICROCHIP-HCS365 Datasheet
463Kb / 34P
KEELOQ Code Hopping Encoder
2002
HCS200SN MICROCHIP-HCS200SN Datasheet
728Kb / 34P
KEELOQ Code Hopping Encoder
05/02/11
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
KEELOQ Code Hopping Encoder
01/18/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com