Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS360 Datasheet(PDF) 18 Page - Microchip Technology

Part # HCS360
Description  KEELOQ CODE HOPPING ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS360 Datasheet(HTML) 18 Page - Microchip Technology

Back Button HCS360 Datasheet HTML 14Page - Microchip Technology HCS360 Datasheet HTML 15Page - Microchip Technology HCS360 Datasheet HTML 16Page - Microchip Technology HCS360 Datasheet HTML 17Page - Microchip Technology HCS360 Datasheet HTML 18Page - Microchip Technology HCS360 Datasheet HTML 19Page - Microchip Technology HCS360 Datasheet HTML 20Page - Microchip Technology HCS360 Datasheet HTML 21Page - Microchip Technology HCS360 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
HCS360
DS40152C-page 18
Preliminary
© 1996 Microchip Technology Inc.
FIGURE 8-4:
PWM DATA WORD FORMAT
FIGURE 8-5:
MANCHESTER FORMAT (MANCH = 1)
FIGURE 8-6:
MANCHESTER PREAMBLE/HEADER FORMAT
Bit 0
Bit 1
Header
Bit 30 Bit 31 Bit 32 Bit 33
Bit 58 Bit 59
Fixed Code Data
Encrypted Data
Guard
LSB
LSB
MSB
MSB
S3
S0
S1
S2
VLOW
CRC0 CRC1
Time
Serial Number
Function Code
Status
Bit 60 Bit 61 Bit 62 Bit 63 Bit 64 Bit 65
CRC
Bit 66
LOGIC ‘0’
LOGIC ‘1’
Preamble
Header
Encrypted Portion
of Transmission
Fixed portion of
Transmission
Guard
Time
TP
TH
THOP
TFIX
TG
TBP
TE TE
Preamble
Header
32 TE
4 TE
Data Word
Transmission
Bit 0
Bit 1
FIGURE 8-7:
HCS360 NORMALIZED TE VS. TEMP
0.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.7
0.6
TE Min.
TE Max.
VDD LEGEND
= 2.0V
= 3.0V
= 6.0V
Typical
TE
Temperature
°C
-50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com