Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS360 Datasheet(PDF) 11 Page - Microchip Technology

Part # HCS360
Description  KEELOQ CODE HOPPING ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS360 Datasheet(HTML) 11 Page - Microchip Technology

Back Button HCS360 Datasheet HTML 7Page - Microchip Technology HCS360 Datasheet HTML 8Page - Microchip Technology HCS360 Datasheet HTML 9Page - Microchip Technology HCS360 Datasheet HTML 10Page - Microchip Technology HCS360 Datasheet HTML 11Page - Microchip Technology HCS360 Datasheet HTML 12Page - Microchip Technology HCS360 Datasheet HTML 13Page - Microchip Technology HCS360 Datasheet HTML 14Page - Microchip Technology HCS360 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
HCS360
© 1996 Microchip Technology Inc.
Preliminary
DS40152C-page 11
FIGURE 4-1:
TRANSMISSION FORMAT—MANCH = 0
FIGURE 4-2:
TRANSMISSION FORMAT—MANCH = 1
FIGURE 4-3:
CODE WORD ORGANIZATION (RIGHT-MOST BIT IS CLOCKED OUT FIRST)
LOGIC "1"
Code Word
Guard
Time
Preamble
Sync
Encrypted
TX Data
Fixed Code
Data
BIT
LOGIC "0"
1
2
3 5 7 9
4 6 8 10
TE
CODE WORD:
TOTAL TRANSMISSION:
Preamble Sync Encrypt
Fixed
Guard
1 CODE WORD
1 2
4 5
6
Preamble Sync
Encrypt
13 14 15
16
TE
TE
Guard
Time
Preamble
Sync
Encrypted
Data
Fixed Code
Data
LOGIC "0"
1
2
3
4
BPW
CODE WORD:
TOTAL TRANSMISSION:
Sync
Encrypt
Fixed
Guard
1 CODE WORD
1 2
4 5 6
Preamble
Sync
Encrypt
13 14 15
16
LOGIC "1"
Start bit
Stop bit
CODE WORD
Preamble
Fixed Code Data
Encrypted Code Data
67 bits
of Data
Transmitted
MSB
LSB
CRC
(2 bit)
VLOW
(1 bit)
Button
Status
(4 bits)
28-bit
Serial Number
Button
Status
(4 bits)
Discrimination
bits
(12 bits)
16-bit
Synch Value
CRC
(2 bit)
VLOW
bit
+
Serial Number and
Button Status (32 bits)
+
32 bits of Encrypted Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com