Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS360 Datasheet(PDF) 13 Page - Microchip Technology

Part # HCS360
Description  KEELOQ CODE HOPPING ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS360 Datasheet(HTML) 13 Page - Microchip Technology

Back Button HCS360 Datasheet HTML 9Page - Microchip Technology HCS360 Datasheet HTML 10Page - Microchip Technology HCS360 Datasheet HTML 11Page - Microchip Technology HCS360 Datasheet HTML 12Page - Microchip Technology HCS360 Datasheet HTML 13Page - Microchip Technology HCS360 Datasheet HTML 14Page - Microchip Technology HCS360 Datasheet HTML 15Page - Microchip Technology HCS360 Datasheet HTML 16Page - Microchip Technology HCS360 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
HCS360
© 1996 Microchip Technology Inc.
Preliminary
DS40152C-page 13
6.0
PROGRAMMING THE HCS360
When using the HCS360 in a system, the user will have
to program some parameters into the device including
the serial number and the secret key before it can be
used. The programming
allows the user to input all
192 bits in a serial data stream, which are then stored
internally in EEPROM. Programming will be initiated by
forcing the PWM line high, after the S3 line has been
held high for the appropriate length of time. S0 and S1
should be held low during the entire program cycle
(Table 6-1 and Figure 6-1). The device can then be pro-
grammed by clocking in 16 bits at a time, followed by
the word’s complement using S3 or S2 as the clock line
and PWM as the data in line. After each 16-bit word is
loaded, a programming delay is required for the internal
program cycle to complete. The acknowledge can read
back after the programming delay (TWC). After the first
word and its complement have been downloaded, an
automatic bulk write is performed. This delay can take
up to Twc. At the end of the programming cycle, the
device can be verified (Figure 6-2) by reading back the
EEPROM. Reading is done by clocking the S3 line and
reading the data bits on PWM. For security reasons, it
is not possible to execute a verify function without first
programming the EEPROM. A verify operation can
only be done once, immediately following the pro-
gram cycle.
FIGURE 6-1:
PROGRAMMING WAVEFORMS
FIGURE 6-2:
VERIFY WAVEFORMS
TABLE 6-1
PROGRAMMING/VERIFY TIMING REQUIREMENTS
VDD = 5.0V
± 10%
25
° C ± 5 °C
Parameter
Symbol
Min.
Max.
Units
Program mode setup time
T2
0
4.0
ms
Hold time 1
T1
9.0
—
ms
Program cycle time
TWC
—
30
ms
Clock low time
TCLKL
25
—
µs
Clock high time
TCLKH
25
—
µs
Data setup time
TDS
0
—
µs
Data hold time
TDH
18
—
µs
Data out valid time
TDV
—
24
µs
PWM
Enter Program
Mode
(Data)
(Clock)
Bit 0
Bit 1
Bit 2
Bit 3
Bit 14 Bit 15
Bit 16 Bit 17
T1
T2
Repeat 12 times for each word
TCLKH
TCLKL
TWC
TDS
S2/S3
Data for Word 0 (KEY_0)
Data for Word 1
TDH
Bit 0
Bit 1
Bit 2
Bit 3
Bit 14 Bit 15
Note 1: Unused button inputs to be held to ground during the entire programming sequence.
2: The VDD pin must be taken to ground after a program/verify cycle.
Acknowledge
PWM
(Clock)
(Data)
Note: If a Verify operation is to be done, then it must immediately follow the Program cycle.
End of
Programming Cycle
Begin Verify Cycle Here
Bit 1 Bit 2
Bit 3
Bit 15
Bit 14
Bit 16 Bit 17
Bit190 Bit191
TWC
Data in Word 0
TDV
S2/S3
Bit 0
Bit191
Bit190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com