Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS360 Datasheet(PDF) 15 Page - Microchip Technology

Part # HCS360
Description  KEELOQ CODE HOPPING ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS360 Datasheet(HTML) 15 Page - Microchip Technology

Back Button HCS360 Datasheet HTML 11Page - Microchip Technology HCS360 Datasheet HTML 12Page - Microchip Technology HCS360 Datasheet HTML 13Page - Microchip Technology HCS360 Datasheet HTML 14Page - Microchip Technology HCS360 Datasheet HTML 15Page - Microchip Technology HCS360 Datasheet HTML 16Page - Microchip Technology HCS360 Datasheet HTML 17Page - Microchip Technology HCS360 Datasheet HTML 18Page - Microchip Technology HCS360 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
HCS360
© 1996 Microchip Technology Inc.
Preliminary
DS40152C-page 15
7.2
Decoder Operation
In a typical decoder operation (Figure 7-2), the key gen-
eration on the decoder side is done by taking the serial
number from a transmission and combining that with
the manufacturer’s code to create the same secret key
that was used by the transmitter. Once the secret key is
obtained, the rest of the transmission can be decrypted.
The decoder waits for a transmission and immediately
can check the serial number to determine if it is a
learned transmitter. If it is, it takes the encrypted portion
of the transmission and decrypts it using the stored key
It uses the discrimination bits to determine if the
decryption was valid. If everything up to this point is
valid, the synchronization value is evaluated.
FIGURE 7-2:
TYPICAL DECODER
OPERATION
7.3
Synchronization with Decoder
The KEELOQ technology features a sophisticated
synchronization technique (Figure 7-3) which does not
require the calculation and storage of future codes. If
the stored counter value for that particular transmitter
and the counter value that was just decrypted are within
a formatted window of say 16, the counter is stored and
the command is executed. If the counter value was not
within the single operation window, but is within the
double operation window of say 32K window, the trans-
mitted synchronization value is stored in temporary
location and it goes back to waiting for another trans-
mission. When the next valid transmission is received,
it will check the new value with the one in temporary
storage. If the two values are sequential, it is assumed
that the counter had just gotten out of the single opera-
tion ‘window’, but is now back in sync, so the new syn-
chronization value is stored and the command
executed. If a transmitter has somehow gotten out of
the double operation window, the transmitter will not
work and must be relearned. Since the entire window
rotates after each valid transmission, codes that have
been used are part of the ‘blocked’ (32K) codes and are
no longer valid. This eliminates the possibility of grab-
bing a previous code and retransmitting to gain entry.
FIGURE 7-3:
SYNCHRONIZATION WINDOW
?
Transmission
Received
Does
Serial Number
Match
?
Decrypt Transmission
Is
Decryption
Valid
?
Is
Counter
Within 16
?
Is
Counter
Within 32K
?
Update
Counter
Execute
Command
Save Counter
in Temp Location
Start
No
No
No
No
Yes
Yes
Yes
Yes
Yes
No
and
No
Note:
The synchronization method described in
this section is only a typical implementation
and because it is usually implemented in
firmware, it can be altered to fit the needs
of a particular system
Blocked
Entire Window
rotates to eliminate
use of previously
used codes
Current
Position
(32K Codes)
Double
Operation
(32K Codes)
Single Operation
Window (16 Codes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com