Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS500 Datasheet (PDF) - Microchip Technology

HCS500 Datasheet PDF - Microchip Technology
Part # HCS500
Download  HCS500 Download
File Size   356.48 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description KEELOQ CODE HOPPING ENCODER

HCS500 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS500 Datasheet PDF - Microchip Technology

Part # HCS500
Download  HCS500 Click to download

File Size   356.48 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description KEELOQ CODE HOPPING ENCODER

HCS500 Datasheet (HTML) - Microchip Technology


HCS500 Product details

DESCRIPTION
The Microchip Technology Inc. HCS500 is a code hopping decoder designed for secure Remote Keyless Entry (RKE) systems. The HCS500 utilizes the patented KEELOQ code hopping system and high security learning mechanisms to make this a canned solution when used with the HCS encoders to implement a unidirectional remote and access control systems. The HCS500 can be used as a stand-alone decoder or in conjunction with a microcontroller.

FEATURES
Security
• Encrypted storage of manufacturer’s code
• Encrypted storage of encoder keys
• Up to seven transmitters can be learned
• KEELOQ code hopping technology
• Normal and secure learning mechanisms

Operating
• 3.0V—5.5V operation
• Internal oscillator
• Auto bit rate detection

Other
• Stand-alone decoder chipset
• External EEPROM for transmitter storage
• Synchronous serial interface
• 1 Kbit user EEPROM
• 8-pin DIP/SOIC package

Typical Applications
• Automotive remote entry systems
• Automotive alarm systems
• Automotive immobilizers
• Gate and garage openers
• Electronic door locks
• Identity tokens
• Burglar alarm systems

Compatible Encoders
• HCS200, HCS300, HCS301, HCS360, HCS410 (PWM Mode)




Similar Part No. - HCS500

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS500 MICROCHIP-HCS500 Datasheet
395Kb / 28P
Memory Programming Specification
2004
HCS500 MICROCHIP-HCS500 Datasheet
728Kb / 40P
KEELOQ짰 Code Hopping Decoder encoders to implement a unidirectional
2011
HCS500-I MICROCHIP-HCS500-I Datasheet
403Kb / 34P
KEELOQ Code Hopping Decoder
01/18/02
HCS500-I/P MICROCHIP-HCS500-I/P Datasheet
403Kb / 34P
KEELOQ Code Hopping Decoder
01/18/02
HCS500-I/SM MICROCHIP-HCS500-I/SM Datasheet
403Kb / 34P
KEELOQ Code Hopping Decoder
01/18/02
More results


Similar Description - HCS500

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS200 MICROCHIP-HCS200 Datasheet
150Kb / 16P
KEELOQ CODE HOPPING ENCODER
1996
HCS301 MICROCHIP-HCS301 Datasheet
168Kb / 20P
KEELOQ CODE HOPPING ENCODER
1996
HCS360 MICROCHIP-HCS360 Datasheet
211Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996-1997
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS201 MICROCHIP-HCS201 Datasheet
383Kb / 28P
KEELOQ Code Hopping Encoder
2001
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
KEELOQ Code Hopping Encoder
2001
HCS370 MICROCHIP-HCS370 Datasheet
518Kb / 36P
KEELOQ Code Hopping Encoder
2002
HCS365 MICROCHIP-HCS365 Datasheet
463Kb / 34P
KEELOQ Code Hopping Encoder
2002
HCS200SN MICROCHIP-HCS200SN Datasheet
728Kb / 34P
KEELOQ Code Hopping Encoder
05/02/11
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
KEELOQ Code Hopping Encoder
01/18/02
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com