Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS500 Datasheet(PDF) 1 Page - Microchip Technology

Part # HCS500
Description  KEELOQ CODE HOPPING ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500 Datasheet(HTML) 1 Page - Microchip Technology

  HCS500 Datasheet HTML 1Page - Microchip Technology HCS500 Datasheet HTML 2Page - Microchip Technology HCS500 Datasheet HTML 3Page - Microchip Technology HCS500 Datasheet HTML 4Page - Microchip Technology HCS500 Datasheet HTML 5Page - Microchip Technology HCS500 Datasheet HTML 6Page - Microchip Technology HCS500 Datasheet HTML 7Page - Microchip Technology HCS500 Datasheet HTML 8Page - Microchip Technology HCS500 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS40153B-page 1
M
HCS500
FEATURES
Security
• Encrypted storage of manufacturer’s code
• Encrypted storage of encoder keys
• Up to seven transmitters can be learned
• KEELOQ code hopping technology
• Normal and secure learning mechanisms
Operating
• 3.0V—5.5V operation
• Internal oscillator
• Auto bit rate detection
Other
• Stand-alone decoder chipset
• External EEPROM for transmitter storage
• Synchronous serial interface
• 1 Kbit user EEPROM
• 8-pin DIP/SOIC package
Typical Applications
• Automotive remote entry systems
• Automotive alarm systems
• Automotive immobilizers
• Gate and garage openers
• Electronic door locks
• Identity tokens
• Burglar alarm systems
Compatible Encoders
• HCS200, HCS300, HCS301, HCS360,
HCS410 (PWM Mode)
DESCRIPTION
The Microchip Technology Inc. HCS500 is a code hop-
ping decoder designed for secure Remote Keyless
Entry (RKE) systems. The HCS500 utilizes the pat-
ented KEELOQ code hopping system and high security
learning mechanisms to make this a canned solution
when used with the HCS encoders to implement a uni-
directional remote and access control systems. The
HCS500 can be used as a stand-alone decoder or in
conjunction with a microcontroller.
PACKAGE TYPE
BLOCK DIAGRAM
The manufacturer’s code, encoder keys, and synchro-
nization information are stored in encrypted form in
external EEPROM. The HCS500 uses the S_DAT and
S_CLK inputs to communicate with a host controller
device.
The HCS500 operates over a wide voltage range of
3.0 volts to 5.5 volts. The decoder employs automatic
bit-rate detection, which allows it to compensate for
wide variations in transmitter data rate. The decoder
contains sophisticated error checking algorithms to
ensure only valid codes are accepted.
PDIP, SOIC
1
2
3
4
VDD
EE_CLK
EE_DAT
MCLR
8
7
6
5
VSS
RFIN
S_CLK
S_DAT
67-bit Reception Register
External
CONTROL
DECRYPTOR
RFIN
OSCILLATOR
S_DAT
S_CLK
MCLR
EEPROM
EE_DAT
EE_CLK
Code Hopping Decoder
KEELOQ is a registered trademark of Microchip Technology Inc.
*Code hopping patents issued in Europe, U.S.A; and R.S.—US:5,517,187; Europe: 0459781


Similar Part No. - HCS500

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS500 MICROCHIP-HCS500 Datasheet
395Kb / 28P
Memory Programming Specification
2004
HCS500 MICROCHIP-HCS500 Datasheet
728Kb / 40P
KEELOQ짰 Code Hopping Decoder encoders to implement a unidirectional
2011
HCS500-I MICROCHIP-HCS500-I Datasheet
403Kb / 34P
KEELOQ Code Hopping Decoder
01/18/02
HCS500-I/P MICROCHIP-HCS500-I/P Datasheet
403Kb / 34P
KEELOQ Code Hopping Decoder
01/18/02
HCS500-I/SM MICROCHIP-HCS500-I/SM Datasheet
403Kb / 34P
KEELOQ Code Hopping Decoder
01/18/02
More results

Similar Description - HCS500

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS200 MICROCHIP-HCS200 Datasheet
150Kb / 16P
KEELOQ CODE HOPPING ENCODER
1996
HCS301 MICROCHIP-HCS301 Datasheet
168Kb / 20P
KEELOQ CODE HOPPING ENCODER
1996
HCS360 MICROCHIP-HCS360 Datasheet
211Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996-1997
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS201 MICROCHIP-HCS201 Datasheet
383Kb / 28P
KEELOQ Code Hopping Encoder
2001
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
KEELOQ Code Hopping Encoder
2001
HCS370 MICROCHIP-HCS370 Datasheet
518Kb / 36P
KEELOQ Code Hopping Encoder
2002
HCS365 MICROCHIP-HCS365 Datasheet
463Kb / 34P
KEELOQ Code Hopping Encoder
2002
HCS200SN MICROCHIP-HCS200SN Datasheet
728Kb / 34P
KEELOQ Code Hopping Encoder
05/02/11
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
KEELOQ Code Hopping Encoder
01/18/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com