Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS500 Datasheet(PDF) 22 Page - Microchip Technology

Part # HCS500
Description  KEELOQ CODE HOPPING ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500 Datasheet(HTML) 22 Page - Microchip Technology

Back Button HCS500 Datasheet HTML 16Page - Microchip Technology HCS500 Datasheet HTML 17Page - Microchip Technology HCS500 Datasheet HTML 18Page - Microchip Technology HCS500 Datasheet HTML 19Page - Microchip Technology HCS500 Datasheet HTML 20Page - Microchip Technology HCS500 Datasheet HTML 21Page - Microchip Technology HCS500 Datasheet HTML 22Page - Microchip Technology HCS500 Datasheet HTML 23Page - Microchip Technology HCS500 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
HCS500
DS40153B-page 22
Preliminary
© 1997 Microchip Technology Inc.
8.1.7
ERASE ALL COMMAND
8.1.8
PROGRAMMING COMMAND
FIGURE 8-2:
TYPICAL MICROCONTROLLER INTERFACE CIRCUIT
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0
°C ≤ TA ≤ +70°C
Industrial (I):
-40
°C ≤ TA ≤ +85°C
Symbol
Parameters
Min
Typ
Max
Units
TERA
Learn command activation time
20
1000
µs
TACK
Decoder acknowledge time
20
210
ms
TRESP
Microcontroller acknowledge
response time
20
1000
µs
TACK2
Decoder data line low
10
µs
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0
°C ≤ TA ≤ +70°C
Industrial (I):
-40
°C ≤ TA ≤ +85°C
Symbol
Parameters
Min
Typ
Max
Units
TPP1
Command request time
500
ms
TPP2
Decoder acknowledge time
1
ms
TPP3
Start command mode to first
command bit
20
1000
µs
TPP4
Data line low before tri-stated
5
µs
TCLKH
Clock high time
20
1000
µs
TCLKL
Clock low time
20
1000
µs
FCLK
Clock frequency
500
25000
Hz
TDS
Data hold time
5
µs
TCMD
Command validate time
10
µs
TACK
Command acknowledge time
30
240
ms
TWT2
Acknowledge respond time
20
1000
µs
TALW
Data low after clock low
10
µs
VCC
1K
A0
1
A1
2
A2
3
VSS
4
SDA 5
SCL 6
WP 7
VCC 8
U2
24LC02B
VDD
1
EECLK
2
EEDAT
3
MCLR
4
SDAT 5
SCLK 6
RFIN 7
VSS
8
U1
HCS500
R3
10K
VCC
VI
G
N
D
VO
U3
POWER SUPPLY
X
X
X
RF
Receiver
Microcontroller
SUPERVISOR 4.5V
RST
In-circuit
Programming
Probe Pads
Note:
Because each HCS500 is individually matched to its EEPROM, in-circuit programming is
strongly recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com