Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS500 Datasheet(PDF) 13 Page - Microchip Technology

Part # HCS500
Description  KEELOQ CODE HOPPING ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500 Datasheet(HTML) 13 Page - Microchip Technology

Back Button HCS500 Datasheet HTML 9Page - Microchip Technology HCS500 Datasheet HTML 10Page - Microchip Technology HCS500 Datasheet HTML 11Page - Microchip Technology HCS500 Datasheet HTML 12Page - Microchip Technology HCS500 Datasheet HTML 13Page - Microchip Technology HCS500 Datasheet HTML 14Page - Microchip Technology HCS500 Datasheet HTML 15Page - Microchip Technology HCS500 Datasheet HTML 16Page - Microchip Technology HCS500 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
HCS500
© 1997 Microchip Technology Inc.
Preliminary
DS40153B-page 13
FIGURE 4-9:
ERASE ALL
FIGURE 4-10: STAND-ALONE MODE LEARN/ERASE-ALL TIMING
FIGURE 4-11: TYPICAL STAND-ALONE APPLICATION CIRCUIT
Decoder DATA
MSB
A
Command Byte
Start Command
B
C
LSB
D
TERA
E
Subcommand Byte
Dummy Byte
CLK
µC DATA
F
Acknowledge
MSB
LSB
MSB
LSB
TACK
TRESP
TACK2
DATA
A
Erase-All Activation
TPP1
TPP2
CLK
B
C
D
Learn Activation
TPP3
Successful
E
TPP4
OUTPUT
K1
RELAY SPST
Vcc
Vcc
S1
LEARN
VCC
1K
A0
1
A1
2
A2
3
VSS
4
SDA 5
SCL 6
WP 7
VCC 8
U2
24LC02B
VDD
1
EECLK
2
EEDAT
3
MCLR
4
SDAT 5
SCLK 6
RFIN 7
VSS
8
U1
HCS500
Q1
NPN
R1
10K
D1
LED
R2
10K
R3
10K
VCC
VI
G
N
D
VO
U3
POWER SUPPLY
X
X
X
RF
Receiver
SUPERVISOR 4.5V
22
µF
Note:
Because each HCS500 is individually matched to its EEPROM, in-circuit programming is
strongly recommended.
In-circuit
Programming
Probe Pads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com