Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS500 Datasheet(PDF) 12 Page - Microchip Technology

Part # HCS500
Description  KEELOQ CODE HOPPING ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500 Datasheet(HTML) 12 Page - Microchip Technology

Back Button HCS500 Datasheet HTML 8Page - Microchip Technology HCS500 Datasheet HTML 9Page - Microchip Technology HCS500 Datasheet HTML 10Page - Microchip Technology HCS500 Datasheet HTML 11Page - Microchip Technology HCS500 Datasheet HTML 12Page - Microchip Technology HCS500 Datasheet HTML 13Page - Microchip Technology HCS500 Datasheet HTML 14Page - Microchip Technology HCS500 Datasheet HTML 15Page - Microchip Technology HCS500 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
HCS500
DS40153B-page 12
Preliminary
© 1997 Microchip Technology Inc.
4.2.8
ERASE ALL
The erase all command (Figure 4-9) erases all the
transmitters in the decoder. After the command and two
dummy bytes are clocked in, the clock line must be
asserted to activate the command. After a successful
completion of an erase all command, the data line is
asserted until the clock line goes low.
4.3
Stand-alone Mode
The HCS500 decoder can also be used in stand-alone
applications. The HCS500 will activate the data line for
up to 500 ms if a valid transmission was received, and
this output can be used to drive a relay circuit. To acti-
vate learn or erase all commands, a button must be
connected to the CLK input. User feedback is indicated
on an LED connected to the DATA output line. If the
CLK line is pulled high, using the learn button, the LED
will switch on. After the CLK line is kept high for longer
than 2 seconds, the decoder will switch the LED line off,
indicating that learn will be entered if the button is
released. If the CLK line is kept high for another 6 sec-
onds, the decoder will activate an ERASE_ALL Com-
mand.
Learn mode can be aborted by taking the clock line
high until the data line goes high (LED switches on).
During learn, the data line will give feedback to the user
and, therefore, must not be connected to the relay drive
circuitry.
After taking the clock low and before a transmitter is
learn, any low-to-high change on the clock line may ter-
minate learn. This has learn implications when a switch
with contact bounce is used.
4.4
Erase All Command and Erase
Command
The Table 4-3 describes two versions of the Erase All
command.
Subcommand 01 can be used where a transmitter with
permanent status is implemented in the microcontroller
software. Use of subcommand 01 ensures that the per-
manent transmitter remains in memory even when all
other transmitters are erased. The first transmitter
learned after any of the following events is the first
transmitter in memory and becomes the permanent
transmitter:
1.
Programming of the manufacturer’s code.
2.
Erasing of all transmitters
(subcommand 00 only).
4.5
Test mode
A special test mode is activated after:
1.
Programming of the manufacturer’s code.
2.
Erasing of all transmitters.
Test mode can be used to test a decoder before any
transmitters are learned on it. Test mode enables test-
ing of decoders without spending the time to learn a
transmitter. Test mode is terminated after the first suc-
cessful learning of an ordinary transmitter. In test mode,
the decoder responds to a test transmitter. The test
transmitter has the following properties:
1.
Encoder key = manufacturer’s code.
2.
Serial number = any value.
3.
Discrimination bits = lower 10 bits of the serial
number.
4.
Synchronization counter value = any value
(synchronization information is ignored).
Because the synchronization counter value is ignored
in test mode, any number of test transmitters can be
used, even if their synchronization counter values are
different.
4.6
Power Supply Supervisor
Reliable operation of the HCS500 requires that the con-
tents of the EEPROM memory be protected against
erroneous writes. To ensure that erroneous writes do
not occur after supply voltage “brown-out” conditions,
the use of a proper power supply supervisor device is
imperative (Figure 4-10 and Figure 8-2).
Note:
The REPS bit must be cleared in the con-
figuration byte in stand-alone mode.
TABLE 4-3:
ERASE ALL COMMAND
Command
Byte
Subcommand
Byte
Description
C316
0016
Erase all
transmitters.
C316
0116
Erase all transmit-
ters except 1. The
first transmitter in
memory is not
erased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com