Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS500 Datasheet(PDF) 19 Page - Microchip Technology

Part # HCS500
Description  KEELOQ CODE HOPPING ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500 Datasheet(HTML) 19 Page - Microchip Technology

Back Button HCS500 Datasheet HTML 15Page - Microchip Technology HCS500 Datasheet HTML 16Page - Microchip Technology HCS500 Datasheet HTML 17Page - Microchip Technology HCS500 Datasheet HTML 18Page - Microchip Technology HCS500 Datasheet HTML 19Page - Microchip Technology HCS500 Datasheet HTML 20Page - Microchip Technology HCS500 Datasheet HTML 21Page - Microchip Technology HCS500 Datasheet HTML 22Page - Microchip Technology HCS500 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
HCS500
© 1997 Microchip Technology Inc.
Preliminary
DS40153B-page 19
FIGURE 8-1:
RESET WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND POWER-UP
TIMER TIMING
TABLE 8-1:
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
Commercial (C):
0
°C ≤ TA ≤ +70‡°C
Industrial (I):
-40
°C ≤ TA ≤ +85‡°C
Symbol
Parameters
Min
Typ(†)
Max
Units
Conditions
VDD
Supply voltage
3.0
5.5
V
VPOR
VDD start voltage to
ensure Reset
Vss
V
SVDD
VDD rise rate to
ensure reset
0.05*
V/ms
IDD
Supply current
1.8
0.3
2.4
5
mA
µA
FOSC = 4 MHz, VDD = 5.5V
Sleep mode (no RF input)
IPD
Power Down Current
0.25
4
µA
VDD = 3.0V, Commercial
0.3
5
µA
VDD = 3.0V, Industrial
VIL
Input low voltage
VSS
0.15 VDD
V
Except MCLR = 0.15 VDD
VSS
0.8
V
VDD between 4.5V and 5.5V
VIH
Input high voltage
0.25 VDD
VDD
V
Except MCLR = 0.85 VDD
2.0
VDD
V
VDD between 4.5V and 5.5V
VOL
Output low voltage
0.6
V
IOL = 8.7 mA, VDD = 4.5V
VOH
Output high voltage
VDD - 0.7
V
IOH = -5.4 mA, VDD = 4.5V
† Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only and
are not tested.
*
These parameters are characterized but not tested.
Note:
Negative current is defined as coming out of the pin.
TABLE 8-2:
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0
°C ≤ TA ≤ +70°C
Industrial (I):
-40
°C ≤ TA ≤ +85°C
Symbol
Parameters
Min
Typ
Max
Units
Conditions
TE
Transmit elemental period
65
660
µs
TOD
Output delay
48
75
237
ms
TMCLR
MCLR low time
150
ns
TOV
Time output valid
150
222
ms
VDD
MCLR
I/O Pins
Tov
TMCLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com