Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS500 Datasheet(PDF) 2 Page - Microchip Technology

Part # HCS500
Description  KEELOQ CODE HOPPING ENCODER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500 Datasheet(HTML) 2 Page - Microchip Technology

  HCS500 Datasheet HTML 1Page - Microchip Technology HCS500 Datasheet HTML 2Page - Microchip Technology HCS500 Datasheet HTML 3Page - Microchip Technology HCS500 Datasheet HTML 4Page - Microchip Technology HCS500 Datasheet HTML 5Page - Microchip Technology HCS500 Datasheet HTML 6Page - Microchip Technology HCS500 Datasheet HTML 7Page - Microchip Technology HCS500 Datasheet HTML 8Page - Microchip Technology HCS500 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
HCS500
DS40153B-page 2
Preliminary
© 1997 Microchip Technology Inc.
1.0
KEELOQ SYSTEM OVERVIEW
1.1
Key Terms
• Manufacturer’s Code – A 64-bit word, unique to
each manufacturer, used to produce a unique
encoder key in each transmitter.
• Encoder Key – A 64-bit key, unique for each trans-
mitter. The encoder key controls the KeeLoq
decryption algorithm and is stored in EEPROM on
the decoder device.
• Learn – The receiver uses information that is
transmitted to derive the transmitter’s encoder key,
decrypt the discrimination value, and the synchro-
nization counter in learning mode. The encoder
key is a function of the manufacturer’s code and
the device serial number and/or seed value.
The HCS encoders and decoders employ the KeeLoq
code hopping technology and a KeeLoq encryption
algorithm to achieve a high level of security. Code
hopping is a method by which the code transmitted
from the transmitter to the receiver is different every
time a button is pushed. This method, coupled with a
transmission length of 66 bits, virtually eliminates the
use of code ‘grabbing’ or code ‘scanning’.
1.2
HCS Encoder Overview
The HCS encoders have a small EEPROM array which
must be loaded with several parameters before use.
The most important of these values are:
• An encoder key that is generated at the time of
production
• A 16-bit synchronization counter value
• A 28-bit serial number which is meant to be
unique for every encoder
The manufacturer programs the serial number for each
encoder at the time of production, while the ‘Key Gen-
eration Algorithm’ generates the encoder key (Figure 1-
1). Inputs to the key generation algorithm typically con-
sist of the encoder’s serial number and a 64-bit manu-
facturer’s code, which the manufacturer creates.
FIGURE 1-1:
CREATION AND STORAGE OF ENCRYPTION KEY DURING PRODUCTION
Note:
The manufacturer code is a pivotal part of
the
system’s
overall
security. Conse-
quently, all possible precautions must be
taken and maintained for this code.
Transmitter
Manufacturer’s
Serial Number or
Code
Encryption
Key
Key
Generation
Algorithm
Serial Number
Encryption Key
Sync Counter
.
.
.
HCS500 EEPROM Array
Seed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com