Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS410 Datasheet(PDF) 1 Page - Microchip Technology

Part # HCS410
Description  KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410 Datasheet(HTML) 1 Page - Microchip Technology

  HCS410 Datasheet HTML 1Page - Microchip Technology HCS410 Datasheet HTML 2Page - Microchip Technology HCS410 Datasheet HTML 3Page - Microchip Technology HCS410 Datasheet HTML 4Page - Microchip Technology HCS410 Datasheet HTML 5Page - Microchip Technology HCS410 Datasheet HTML 6Page - Microchip Technology HCS410 Datasheet HTML 7Page - Microchip Technology HCS410 Datasheet HTML 8Page - Microchip Technology HCS410 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS40158C-page 1
M
HCS410
FEATURES
Security
• Two programmable 64-bit encoder keys
• 16/32-bit bi-directional challenge and response
using one of two keys
• 69-bit transmission length
• 32-bit unidirectional code hopping, 37-bit
nonencrypted portion
• Encoder keys are read protected
• Programmable 28/32-bit serial number
• 60/64-bit, read-protected seed for secure learning
• Three IFF encryption algorithms
• Delayed increment mechanism
• Asynchronous transponder communication
• Queuing information transmitted
Operating
• 2.0V to 6.6V operation, 13V encoder only
operation
• Three switch inputs [S2, S1, S0]—seven functions
• Batteryless bi-directional transponder
• Selectable baud rate and code word blanking
• Automatic code word completion
• Battery low signal transmitted
• Nonvolatile synchronization
• PWM or Manchester RF encoding
• Combined transmitter, transponder operation
• Anti-collision of multiple transponders
• Passive proximity activation
• Device protected against reverse battery
• Intelligent damping for high Q LC-circuits
Other
• 37-bit nonencrypted part contains 28/32-bit serial
number, 4/0-bit function code, 1-bit battery low,
2-bit CRC, 2-bit queue
• Simple programming interface
• On-chip tunable RC oscillator (
±10%)
• On-chip EEPROM
• 64-bit user EEPROM in transponder mode
• Battery-low LED indication
• SQTP serialization quick-time programming
• 8-pin PDIP/SOIC/TSSOP and die
Typical Applications
• Automotive remote entry systems
• Automotive alarm systems
• Automotive immobilizers
• Gate and garage openers
• Electronic door locks (Home/Office/Hotel)
• Burglar alarm systems
• Proximity access control
PACKAGE TYPES
BLOCK DIAGRAM
S0
S1
S2/LED
LC1
VDD
LC0
PWM
GND
18
2
3
4
7
6
5
PDIP, SOIC
S2/LED
LC1
GND
PWM
1
2
3
4
8
7
6
5
S1
S0
VDD
LC0
TSSOP
Oscillator
Configuration Register
Power
Control
Wakeup
Logic
Address
DecodingEEPROM
Debounce
Control
and
Queuer
LED
Control
PWM
Driver
PPM
Detector
PWM
PPM
Manch.
Encoder
VDD
S0
S1
S2
LCI0
LCI1
PWM
Code Hopping Encoder and Transponder*
KEELOQ is a registered trademark of Microchip Technology Inc.
*Code hopping encoder patents issued in Europe, U.S.A., R.S.A.—U.S.A.: 5,517,187; Europe: 0459781


Similar Part No. - HCS410

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS410 MICROCHIP-HCS410 Datasheet
395Kb / 28P
Memory Programming Specification
2004
HCS410 MICROCHIP-HCS410 Datasheet
481Kb / 36P
KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS410 MICROCHIP-HCS410 Datasheet
1Mb / 46P
KEELOQ짰 Code Hopping Encoder and Transponder 2-bit CRC, 2-bit queue
2011
HCS410-IP MICROCHIP-HCS410-IP Datasheet
481Kb / 36P
KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS410-ISN MICROCHIP-HCS410-ISN Datasheet
481Kb / 36P
KEELOQ짰 Code Hopping Encoder and Transponder
2001
More results

Similar Description - HCS410

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS200 MICROCHIP-HCS200 Datasheet
150Kb / 16P
KEELOQ CODE HOPPING ENCODER
1996
HCS301 MICROCHIP-HCS301 Datasheet
168Kb / 20P
KEELOQ CODE HOPPING ENCODER
1996
HCS360 MICROCHIP-HCS360 Datasheet
211Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996-1997
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS201 MICROCHIP-HCS201 Datasheet
383Kb / 28P
KEELOQ Code Hopping Encoder
2001
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
KEELOQ Code Hopping Encoder
2001
HCS412 MICROCHIP-HCS412 Datasheet
704Kb / 44P
KEELOQ Code Hopping Encoder and Transponder
2002
HCS370 MICROCHIP-HCS370 Datasheet
518Kb / 36P
KEELOQ Code Hopping Encoder
2002
HCS365 MICROCHIP-HCS365 Datasheet
463Kb / 34P
KEELOQ Code Hopping Encoder
2002
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
KEELOQ Code Hopping Encoder
01/18/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com