Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS410 Datasheet(PDF) 20 Page - Microchip Technology

Part # HCS410
Description  KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410 Datasheet(HTML) 20 Page - Microchip Technology

Back Button HCS410 Datasheet HTML 16Page - Microchip Technology HCS410 Datasheet HTML 17Page - Microchip Technology HCS410 Datasheet HTML 18Page - Microchip Technology HCS410 Datasheet HTML 19Page - Microchip Technology HCS410 Datasheet HTML 20Page - Microchip Technology HCS410 Datasheet HTML 21Page - Microchip Technology HCS410 Datasheet HTML 22Page - Microchip Technology HCS410 Datasheet HTML 23Page - Microchip Technology HCS410 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
HCS410
DS40158C-page 20
Preliminary
© 1997 Microchip Technology Inc.
3.4
60/64-bit Seed Word/Transport Code
This is the 60-bit seed code that is transmitted when
seed transmission is selected. This allows the system
designer to implement the secure learn feature or use
this fixed code word as part of a different key genera-
tion/tracking process or purely as a fixed code trans-
mission. The seed is not available in IFF2-mode. A
Seed transmission can be initiated in two ways,
depending on the button inputs (Figure 3-1)
Seed transmission is available for function codes
(Table 2-2) S[2:0] = 111 and S[2:0] = 011 (delayed).
The delayed seed transmission starts with a normal
code hopping transmission being transmitted for 3 sec-
onds, before switching to a seed transmission. The two
seed transmissions are shown in Figure 3-1.
The least significant 32-bits of the seed are used as the
transport code. The transport code is used to write-pro-
tect the serial number, configuration word, as well as
preventing accidental programming of the HCS410
when in IFF mode.
3.5
Encoder Serial Number
There are 32 bits allocated for the serial number and a
selectable
configuration
bit
(XSER)
determines
whether 32 or 28 bits will be transmitted. The serial
number is meant to be unique for every transmitter.
3.6
User Data
The 64-bit user EEPROM can be reprogrammed and
read at any time using the IFF interface.
FIGURE 3-1:
SEED TRANSMISSION
Note:
If both SEED and TMPSD are set, IFF2
mode is enabled.
All examples shown with XSER = 1 & SEED = 1
When S[2:0] = 111, the 3-second delay is not applicable:
Que [1:0], CRC [1:0],
SEED_3 (12 bits)
SEED_2
SEED_1
SEED_0
Data transmission direction
For S[2:0] = 011 before the 3-second delay:
16-bit Data Word
16-bit Counter
Encrypt
SER_1
SER_0
Encrypted Data
For S[2:0] = 011 after the 3-second delay (Note 1):
Data transmission direction
Note 1: For Seed Transmission, SEED_3 and SEED_2 are transmitted instead of SER_1 and SER_0, respectively.
SEED_3 (12 bits)
SEED_2
SEED_1
SEED_0
Data transmission direction
VLOW, S[2:0]
Que [1:0], CRC [1:0]
+ VLOW, S [2:0]
Que [1:0], CRC [1:0],
VLOW, S [2:0]
*Patents have been applied for.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com