Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS410 Datasheet(PDF) 25 Page - Microchip Technology

Part # HCS410
Description  KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410 Datasheet(HTML) 25 Page - Microchip Technology

Back Button HCS410 Datasheet HTML 21Page - Microchip Technology HCS410 Datasheet HTML 22Page - Microchip Technology HCS410 Datasheet HTML 23Page - Microchip Technology HCS410 Datasheet HTML 24Page - Microchip Technology HCS410 Datasheet HTML 25Page - Microchip Technology HCS410 Datasheet HTML 26Page - Microchip Technology HCS410 Datasheet HTML 27Page - Microchip Technology HCS410 Datasheet HTML 28Page - Microchip Technology HCS410 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
HCS410
© 1997 Microchip Technology Inc.
Preliminary
DS40158C-page 25
4.3
CH Mode Decoder Operation
In a typical decoder operation (Figure 4-4), the key
generation on the decoder side is done by taking the
serial number from a transmission and combining that
with the manufacturer’s code to create the same
encoder key that is stored in the HCS410. Once the
encoder key is obtained, the rest of the transmission
can be decrypted. The decoder waits for a transmission
and
immediately
checks
the
serial
number
to
determine if it is a learned transmitter. If it is, the code
hopping portion of the transmission is decrypted using
the stored key. It uses the discrimination bits to deter-
mine if the decryption was valid. If everything up to this
point is valid, the synchronization counter value
is evaluated.
FIGURE 4-4:
TYPICAL CH MODE
DECODER OPERATION
?
Transmission
Received
Does
Serial Number
Match
?
Decrypt Transmission
Is
Decryption
Valid
?
Is
Counter
Within 16
?
Is
Counter
Within 32K
?
Update
Counter
Execute
Command
Save Counter
in Temp Location
Start
No
No
No
No
Yes
Yes
Yes
Yes
Yes
and
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com