Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS410 Datasheet(PDF) 17 Page - Microchip Technology

Part # HCS410
Description  KEELOQ CODE HOPPING ENCODER AND TRANSPONDER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410 Datasheet(HTML) 17 Page - Microchip Technology

Back Button HCS410 Datasheet HTML 13Page - Microchip Technology HCS410 Datasheet HTML 14Page - Microchip Technology HCS410 Datasheet HTML 15Page - Microchip Technology HCS410 Datasheet HTML 16Page - Microchip Technology HCS410 Datasheet HTML 17Page - Microchip Technology HCS410 Datasheet HTML 18Page - Microchip Technology HCS410 Datasheet HTML 19Page - Microchip Technology HCS410 Datasheet HTML 20Page - Microchip Technology HCS410 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
HCS410
© 1997 Microchip Technology Inc.
Preliminary
DS40158C-page 17
2.5
IFF Opcodes
TABLE 2-4:
LIST OF IFF COMMANDS
Command
Description
Expected data In
Response
00000
Select HCS410, used if Anticolli-
sion enabled
1 to 32 bits of the serial number
(SER)
Encoder select acknowledge if
SER match
00001
Read configuration word
None
16-bit configuration word
00010
Read high serial number
None
Higher 16 bits of serial number
(SER1)
00011
Read low serial number
None
Lower 16 bits of serial number
(SER0)
00100
Read user area 0
None
16 Bits of User EEPROM USR0
00101
Read user area 1
None
16 Bits of User EEPROM USR1
00110
Read user area 2
None
16 Bits of User EEPROM USR2
00111
Read user area 3
None
16 Bits of User EEPROM USR3
01000
Program HCS410 EEPROM
Transport code (32 bits); Com-
plete memory map: 18 x 16 bit
words (288 bits)
Write acknowledge pulse after
each 16-bit word, 288 bits trans-
mitted in 18 bursts of 16-bit
words
01001
Write configuration word
Transport code (32 bits); 16 Bit
configuration word
Write acknowledge pulse
01010
Write high serial number
Transport code (32 bits); Higher
16 bits of serial number (SER1)
Write acknowledge pulse
01011
Write low serial number
Transport code (32 bits); Lower
16 bits of serial number (SER0)
Write acknowledge pulse
01100
Write user area 0
16 Bits of User EEPROM USR0
Write acknowledge pulse
01101
Write user area 1
16 Bits of User EEPROM USR1
Write acknowledge pulse
01110
Write user area 2
16 Bits of User EEPROM USR2
Write acknowledge pulse
01111
Write user area 3
16 Bits of User EEPROM USR3
Write acknowledge pulse
1X000
IFF1 using key-1 and IFF
algorithm
32-Bit Challenge
32 Bit Response
1X001
IFF1 using key-1 and HOP
algorithm
32-Bit Challenge
32 Bit Response
1X100
IFF2 32-bit using key-2 and IFF
algorithm
32-Bit Challenge
32 Bit Response
1X101
IFF2 32-bit using key-2 and HOP
algorithm
32-Bit Challenge
32 Bit Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com